Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB3392-C1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LRGB3392-C1
Description  TRIPLE COLOR LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB3392-C1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LRGB3392-C1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB3392-C1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.0
40
Ambient Temperature(
)
650
700
550
600
Wavelength (nm)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
0.5
0
0.9
0.8
-0
-40
-20
20
40
60
80
100
0
-40
-20
0.5
-0
20
60
80
100
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.2
1.1
1.0
10
1.0
0.1
100
1.0
1.5
2.0
1.5
2.0
2.5
3.0
3.0
2.5
1.0
1.0
0.5
0
10
2.0
1.5
2.5
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
URF CHIP
1000
3.5
1000
100
Page 3/7
Fig.6 Directive Radiation
550
PART NO. LRGB3392-C1
0
°
-60
°
50%
100% 75%
25%0
-30
°
60
°
25%
50%
100%
75%
30
°


Similar Part No. - LRGB3392-C1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB3392-C LIGITEK-LRGB3392-C Datasheet
148Kb / 8P
   TRIPLE COLOR LED LAMPS
More results

Similar Description - LRGB3392-C1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB31492 LIGITEK-LRGB31492 Datasheet
211Kb / 6P
   TRIPLE COLOR LED LAMPS
LRGB13593-A LIGITEK-LRGB13593-A Datasheet
111Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-A1 LIGITEK-LRGY3393-A1 Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LYRG3392-C-S159-PF LIGITEK-LYRG3392-C-S159-PF Datasheet
139Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB93193-A1 LIGITEK-LRGB93193-A1 Datasheet
216Kb / 9P
   TRIPLE COLOR LED LAMPS
LRGB3393-A LIGITEK-LRGB3393-A Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-C1 LIGITEK-LRGY3393-C1 Datasheet
123Kb / 7P
   TRIPLE COLOR LED LAMPS
LEGB3392-A-J LIGITEK-LEGB3392-A-J Datasheet
134Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3393-C1 LIGITEK-LRGB3393-C1 Datasheet
230Kb / 8P
   TRIPLE COLOR LED LAMPS
LEYG3392-C3-PF LIGITEK-LEYG3392-C3-PF Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com