Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB3393-A-H0 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LRGB3393-A-H0
Description  TRIPLE COLOR LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB3393-A-H0 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LRGB3393-A-H0 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB3393-A-H0 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Tstg
Storage Temperature
MATERIAL
PART NO
Luminous
intensity
@20mA(mcd)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
525
----
InGaN/GaN Green
GaAlAs
Red
Emitted
Lens
36
----
4.0
Min.
20
2.4
1.5
Min.
Max.
Typ.
Typical Electrical & Optical Characteristics (Ta=25
)
COLOR
Page 2/7
40
IF
Forward Current
30
mA
Reverse Current @5V
Operating Temperature
Topr
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
μA
120
120
120
100
mW
mA
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
UR
DBK
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
30
100
120
DGM
----
150
ESD
V
10
50
-20 ~ +80
-30 ~ +100
Electrostatic Discharge( * )
LRGB3393-A/H0
Water Clear
InGaN/GaN Blue
Dominant
wave
length
λDnm
660
518
----
470
30
4.0
----
Typ.
3.5
3.5
----
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
82
300
450
220
120
82
700 1100
100
LRGB3393-A/H0
PART NO.


Similar Part No. - LRGB3393-A-H0

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB3393-A LIGITEK-LRGB3393-A Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
More results

Similar Description - LRGB3393-A-H0

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB31492 LIGITEK-LRGB31492 Datasheet
211Kb / 6P
   TRIPLE COLOR LED LAMPS
LRGB13593-A LIGITEK-LRGB13593-A Datasheet
111Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-A1 LIGITEK-LRGY3393-A1 Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LYRG3392-C-S159-PF LIGITEK-LYRG3392-C-S159-PF Datasheet
139Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB93193-A1 LIGITEK-LRGB93193-A1 Datasheet
216Kb / 9P
   TRIPLE COLOR LED LAMPS
LRGB3393-A LIGITEK-LRGB3393-A Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-C1 LIGITEK-LRGY3393-C1 Datasheet
123Kb / 7P
   TRIPLE COLOR LED LAMPS
LEGB3392-A-J LIGITEK-LEGB3392-A-J Datasheet
134Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3393-C1 LIGITEK-LRGB3393-C1 Datasheet
230Kb / 8P
   TRIPLE COLOR LED LAMPS
LEYG3392-C3-PF LIGITEK-LEYG3392-C3-PF Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3392-C1 LIGITEK-LRGB3392-C1 Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com