Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62304P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TD62304P
Description  7CH LOW ACTIVE DARLINGTON SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62304P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62304P Datasheet HTML 1Page - Toshiba Semiconductor TD62304P Datasheet HTML 2Page - Toshiba Semiconductor TD62304P Datasheet HTML 3Page - Toshiba Semiconductor TD62304P Datasheet HTML 4Page - Toshiba Semiconductor TD62304P Datasheet HTML 5Page - Toshiba Semiconductor TD62304P Datasheet HTML 6Page - Toshiba Semiconductor TD62304P Datasheet HTML 7Page - Toshiba Semiconductor TD62304P Datasheet HTML 8Page - Toshiba Semiconductor TD62304P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TD62304,305P/AP/F/AF
2001-07-16
3
RECOMMENDED OPERATING CONDITIONS
(Ta = −40~85°C and Ta = −30~75°C for only Type−P)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
P, F
0
35
AF
0
50
Output Sustaining Voltage
AP
VCE (SUS)
0
50
V
DC 1 Circuit
0
350
P
Tpw = 25 ms, duty = 10%
7 circuits
0
300
Tpw = 25 ms, duty = 10%
7 circuits
0
350
Output Current
AP
IOUT
Tpw = 25 ms, duty = 20%
7 circuits
0
200
mA / ch
TD62304P / AP / F / AF
−20
VCC
Input Voltage
TD62305P / AP / F / AF
VIN
0
5.5
V
P
0.44
AP
0.52
Power Dissipation
F, AF
PD
(Note 1)
0.325
W
Note 1: On glass epoxy PCB (30 × 30 × 1.6 mm Cu 50%)
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
P / F
VOUT = 35 V
Ta = 75°C
Output Leakage
Current
ICEX
1
VCC = 5.5 V
VIN = 0 V
VOUT = 50 V
Ta = 85°C
−100
µA
Output Saturation Voltage
VCE (sat)
2
VCC = 4.5 V
IOUT = 350 mA
VIN = VIN (ON)
MAX.
1.4
2.0
V
VCC = 5.5 V, VIN = 0.4 V
−0.32
−0.45
(Output On)
IIN (ON)
3
VCC = 5.5 V, VIN = −20 V
−2.6
mA
Input Current
(Output Off)
IIN (OFF)
4
−40
µA
TD62304
VCC
−2.8
Input Voltage
(Output On)
TD62305
VIN (ON)
5
VCC
−3.7
V
(Output On)
ICC (ON)
6
VCC = 5.5 V, VIN = 0 V
17
22
mA
Supply Current
(Output Off)
ICC (OFF)
6
VCC = VIN = 5.5 V
100
µA
P, F
VOUT = 35 V
RL = 87.5 Ω
Turn−On Delay
AP, AF
tON
VOUT = 50 V
RL = 125 Ω
0.1
P, F
VOUT = 35 V
RL = 87.5 Ω
Turn−Off Delay
AP, AF
tOFF
7
VCC = 5 V,
CL = 15 pF
VOUT = 50 V
RL = 125 Ω
3
µs


Similar Part No. - TD62304P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62304P TOSHIBA-TD62304P Datasheet
278Kb / 8P
   7CH LOW ACTIVE DARLINGTON SINK DRIVER
More results

Similar Description - TD62304P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62304P TOSHIBA-TD62304P Datasheet
278Kb / 8P
   7CH LOW ACTIVE DARLINGTON SINK DRIVER
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com