Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD235-62-XX Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LSD235-62-XX
Description  SINGLE DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD235-62-XX Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSD235-62-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD235-62-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
260
° C3sec Max
Preheat
60 Seconds Max
25°
0° 0
120°
2
°/sec
max
50
Temp(
°C)
260°
5
°/sec
max
100
Time(sec)
150
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSD235/62-XX
PART NO.
Page 7/8


Similar Part No. - LSD235-62-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD2355-65-XX-PF LIGITEK-LSD2355-65-XX-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2355/65-XX-PF LIGITEK-LSD2355/65-XX-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
More results

Similar Description - LSD235-62-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD215-62U-XX-PF LIGITEK-LSD215-62U-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-63HS-XX-PF LIGITEK-LSD215-63HS-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65F-XX-PF LIGITEK-LSD215-65F-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com