Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD335-66-XX-RP4-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD335-66-XX-RP4-PF
Description  SINGLE DIGIT LED DISPLAY (0.32 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD335-66-XX-RP4-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD335-66-XX-RP4-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP4-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PART NO.
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
LSD335/66-XX/RP4-PF
LIGITEK
13.0
(0.512")
8.0
(0.32")
2.54X4
=10.16
(0.4")
4.0
±0.5
ψ1.0(0.039")
Ø0.45
TYP.
5.08
(0.2")
PIN NO.1
7.5
(0.295")
Package Dimensions
LSD335/66-XX/RP4-PF
6.5
(0.256")
Page 1/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LSD335-66-XX-RP4-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP8-PF LIGITEK-LSD335-66-XX-RP8-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results

Similar Description - LSD335-66-XX-RP4-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD335-62V-XX-PF LIGITEK-LSD335-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP3 LIGITEK-LSD335-61-XX-RP3 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-64-XX-PF LIGITEK-LSD335-64-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP38 LIGITEK-LSD335-65-XX-RP38 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP117-PF LIGITEK-LSD335-61-XX-RP117-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-63-XX-RP4 LIGITEK-LSD335-63-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-PF LIGITEK-LSD335-65-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP195-PF LIGITEK-LSD335-65-XX-RP195-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-PF LIGITEK-LSD335-66-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com