Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD335-66-XX-RP8-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSD335-66-XX-RP8-PF
Description  SINGLE DIGIT LED DISPLAY (0.32 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD335-66-XX-RP8-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD335-66-XX-RP8-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD335-66-XX-RP8-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Reverse Current Per Any Chip
Ir
10
μA
Operating Temperature
Storage Temperature
LSD3356-XX/RP8-PF
LSD3366-XX/RP8-PF
PART NO
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Cathode
-25 ~ +85
-25 ~ +85
Material
GaAlAs
Red
Emitted
CHIP
△λ
(nm)
λP
(nm)
common
cathode
or anode
660
20
Tstg
Topr
Max.
2.4
1.5
1.8
Min.
Typ.
3.05
6.1
Min.
Typ.
Electrical
Vf(v)
Iv(mcd)
IV-M
2:1
PART NO.
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Parameter
PD
IFP
IF
Symbol
UNIT
mA
mA
mW
100
100
HR
30
Page 4/8
LSD335/66-XX/RP8-PF
Common
Anode


Similar Part No. - LSD335-66-XX-RP8-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP4-PF LIGITEK-LSD335-66-XX-RP4-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results

Similar Description - LSD335-66-XX-RP8-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD335-62V-XX-PF LIGITEK-LSD335-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP3 LIGITEK-LSD335-61-XX-RP3 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-64-XX-PF LIGITEK-LSD335-64-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP38 LIGITEK-LSD335-65-XX-RP38 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP117-PF LIGITEK-LSD335-61-XX-RP117-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-63-XX-RP4 LIGITEK-LSD335-63-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-PF LIGITEK-LSD335-65-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP195-PF LIGITEK-LSD335-65-XX-RP195-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-PF LIGITEK-LSD335-66-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com