Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD375-65F-XX-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSD375-65F-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.39 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD375-65F-XX-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSD375-65F-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD375-65F-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Fig.3 Forward Voltage vs. Temperature
Ambient Temperature(
)
-20
0.8
40
0
20
1.1
1.0
0.9
1.2
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
0.5
80
60
0.0
0
-20
40
60
20
1.5
1.0
2.0
2.5
80
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
30
2.0
1.0
0
3.0
10
20
SRF CHIP
40
Fig.2 Relative Intensity vs. Forward Current
1.0
0.0
1.0
2.0
Forward Current(mA)
10
100
1000
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 6/8
Fig.5 Relative Intensity vs. Wavelength
Wavelength (nm)
600
550
0.0
0.5
650
1.0
700
0.5
0
1.5
2.5
50
60
LSD375/65F-XX-PF
PART NO.


Similar Part No. - LSD375-65F-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results

Similar Description - LSD375-65F-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3B64S-XX-PF LIGITEK-LSD3B64S-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3E5-62-XX-PF LIGITEK-LSD3E5-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD355-62-XX-S4 LIGITEK-LSD355-62-XX-S4 Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3B62-XX-PF LIGITEK-LSD3B62-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3E65-XX-PF LIGITEK-LSD3E65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD3E55-XX LIGITEK-LSD3E55-XX Datasheet
124Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com