Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD451-24-XX-SRP104-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSD451-24-XX-SRP104-PF
Description  SINGLE DIGIT LED DISPLAY (0.40 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD451-24-XX-SRP104-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD451-24-XX-SRP104-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Vr=5V
Ir
IV-M
Luminous Intensity Matching Ratio
△λ
Symbol
Test Condition For Each Parameter
Parameter
Luminous Intensity Per Chip
Peak Wavelength
Forward Voltage Per Chip
Spectral Line Half-Width
Reverse Current Any Chip
mcd
Iv
λP
nm
μA
nm
Unit
Vf
volt
If=10mA
If=20mA
If=20mA
Test Condition
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/8
PART NO. LSD451/24-XX/SRP104-PF


Similar Part No. - LSD451-24-XX-SRP104-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD451-24-XX LIGITEK-LSD451-24-XX Datasheet
113Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.4 Inch)
More results

Similar Description - LSD451-24-XX-SRP104-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4T5-62U-XX-PF LIGITEK-LFD4T5-62U-XX-PF Datasheet
242Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-RP13-1-PF LIGITEK-LSD4224-XX-RP13-1-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-SRP104-PF LIGITEK-LSD401-2EGR-XX-SRP104-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-PF LIGITEK-LSD4224-XX-PF Datasheet
171Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX LIGITEK-LSD401-24-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX-PF LIGITEK-LSD401-2SBKS-XX-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX LIGITEK-LSD401-2SBKS-XX Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com