Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD505-64-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD505-64-XX
Description  SINGLE DIGIT LED DISPLAY (0.50 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD505-64-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD505-64-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD505-64-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
LSD505/64-XX
Package Dimensions
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/7
4.9
±0.5
ψ1.5(0.059")
19.0
(0.748")
0.51
TYP
PIN NO.1
2.45X4=9.8
(0.386")
LSD505/64-XX
LIGITEK
12.7
(0.50")
12.7
(0.50")
15.24
(0.60")
8.0
(0.315")


Similar Part No. - LSD505-64-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD505-64V-XX LIGITEK-LSD505-64V-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
More results

Similar Description - LSD505-64-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD505-62-XX-P10-PF LIGITEK-LSD505-62-XX-P10-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-61-XX-RP20 LIGITEK-LSD505-61-XX-RP20 Datasheet
123Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX-P1-PF LIGITEK-LSD505-62-XX-P1-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-61-XX LIGITEK-LSD505-61-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-63-XX LIGITEK-LSD505-63-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX LIGITEK-LSD505-62-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX-P12-PF LIGITEK-LSD505-62-XX-P12-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-61-XX-PF LIGITEK-LSD505-61-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-65-XX LIGITEK-LSD505-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-61-XX-RP3-PF LIGITEK-LSD505-61-XX-RP3-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com