Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16PT8521BX Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16PT8521BX
Description  10/100 BASE-T TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16PT8521BX Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16PT8521BX Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA
email:sales@bothhandusa.com
http://www.bothhandusa.com
10/100 BASE-T TRANSFORMER
P/N:16PT8521BX DATA SHEET
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
Designed to meet IEEE802.3u requirement.
Symmetrical TX and RX channels for Auto MDI/MDIX
capability.
Operating temperature range: 0°C to +70°C.
Storage temperature range: -25°C to +105°C.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
TX/RX
PRI OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
HI-POT
(Vrms)
16PT8521BX
1CT:1CT
350
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)TX/RX
Part
Number
0.3-100MHz
0.5-30Mz
40MHz
50MHz
60-80MHz
0.3-100MHz
0.3-100MHz
16PT8521BX
-1.1
-16
-15
-13
-11
-35
-30
Schematic
Mechanical


Similar Part No. - 16PT8521BX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT8521AX BOTHHAND-16PT8521AX Datasheet
251Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8521X BOTHHAND-16PT8521X Datasheet
57Kb / 1P
   10/100 BASE-T TRANSFORMER
More results

Similar Description - 16PT8521BX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT8512A BOTHHAND-16PT8512A Datasheet
53Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8520X BOTHHAND-16ST8520X Datasheet
108Kb / 1P
   10/100 BASE-T TRANSFORMER
24STS12 BOTHHAND-24STS12 Datasheet
194Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8515M BOTHHAND-16ST8515M Datasheet
177Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8515-3 BOTHHAND-16PT8515-3 Datasheet
50Kb / 1P
   10/100 BASE-T TRANSFORMER
16PT8510 BOTHHAND-16PT8510_1 Datasheet
50Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8511 BOTHHAND-16ST8511 Datasheet
27Kb / 1P
   10/100 BASE-T TRANSFORMER
24ST8515-2 BOTHHAND-24ST8515-2_1 Datasheet
264Kb / 1P
   10/100 BASE-T TRANSFORMER
16ST8515-1LF BOTHHAND-16ST8515-1LF Datasheet
160Kb / 2P
   10/100 BASE-T TRANSFORMER
logo
Bourns Electronic Solut...
SM91074AL BOURNS-SM91074AL Datasheet
576Kb / 3P
   10/100 Base-T Transformer
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
   10/100 Base-T Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com