Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-2415D6 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BD-2415D6
Description  2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-2415D6 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BD-2415D6 Datasheet HTML 1Page - Bothhand USA, LP. BD-2415D6 Datasheet HTML 2Page - Bothhand USA, LP. BD-2415D6 Datasheet HTML 3Page - Bothhand USA, LP. BD-2415D6 Datasheet HTML 4Page - Bothhand USA, LP. BD-2415D6 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BD Series
2 to 6 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
1. Features :
! Wide 2:1 Input Range
! Low Ripple and Noise
! Input / Output Isolation 1.5K Vdc or 3.5K Vdc
! 100 % Burn-In
! Input π- Filter
! Custom Design Available
2. Absolute maximum ratings:
( Exceeding these values may damage the module. These are not continuous operating ratings )
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
-0.7
12
22.5
24V Input Model
-0.7
24
45
Input Absolute Voltage Range
48V Input Model
-0.7
48
90
Vdc
Output Short circuit duration
Nominal Input Range
Indefinite & Auto-Restart
Reverse Polarity Input current Limit
---
---
---
1
A
Operating temperature
Output Full Load
-25
---
+71
Storage temperature
-55
---
+105
3. Nominal Input / Output Electrical Specifications :
( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted )
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
9
12
18
24V Input Model
18
24
36
Input Voltage Range
48V Input Model
36
48
75
Vdc
Line Regulation
Output full Load
---
---
± 0.5
Single Output Model
---
---
± 0.5
Load Regulation
Dual Output Model
± 2
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
Output Voltage Balance
Dual Output at same Load
---
---
± 1.0
%
Switching Frequency
---
250
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1500
---
---
Isolation Voltage
High Isolation Series
3500
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1 KHz / 250 mV rms
---
350
---
pF


Similar Part No. - BD-2415D6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BD-2415D6LF BOTHHAND-BD-2415D6LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
More results

Similar Description - BD-2415D6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com