Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD1015-6SBKS-XX Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LSD1015-6SBKS-XX
Description  SINGLE DIGIT LED DISPLAY (1.0 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1015-6SBKS-XX Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSD1015-6SBKS-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1015-6SBKS-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Solderability Test
Solder Resistance
Test
High Temperature
High Humidity Test
Thermal Shock Test
Reliability Test:
PART NO.
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Test Item
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
Test Condition
LSD1015/6SBKS-XX
Description
7/7
Page


Similar Part No. - LSD1015-6SBKS-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1015-61-XX LIGITEK-LSD1015-61-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-62V-XX-PF LIGITEK-LSD1015-62V-XX-PF Datasheet
159Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-64-XX LIGITEK-LSD1015-64-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results

Similar Description - LSD1015-6SBKS-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1005-6A-XX-PF LIGITEK-LSD1005-6A-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-6D-XX-PF LIGITEK-LSD1005-6D-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1055-64S-XX-PF LIGITEK-LSD1055-64S-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66F-XX-PF LIGITEK-LSD1015-66F-XX-PF Datasheet
160Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-65-XX-PF LIGITEK-LSD1005-65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-64-XX LIGITEK-LSD1015-64-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-62U-XX-PF LIGITEK-LSD1005-62U-XX-PF Datasheet
115Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-66-XX-PF LIGITEK-LSD1005-66-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-61-XX LIGITEK-LSD1015-61-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com