Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSE11241 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSE11241
Description  SUPER BRIGHT TOWER TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSE11241 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSE11241 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSE11241 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSE11241 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSE11241 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSE11241 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
PART NO. LSE11241
Page 1/4
R1.7
1.5MAX
2.54TYP
1.0MIN
25.0MIN
3.0
1.6
0.5
TYP
2.4
3.3
1.8
100%
50%
75%
100%
25%
25%
0
75%
50%
-60
°
-30
°
60
°
0
°
30
°


Similar Part No. - LSE11241

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSE12241 LIGITEK-LSE12241 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LSE12243-PF LIGITEK-LSE12243-PF Datasheet
109Kb / 6P
   ROUND TYPE LED LAMPS
LSE12340 LIGITEK-LSE12340 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LSE12340-TRF-X LIGITEK-LSE12340-TRF-X Datasheet
125Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE12340/TRF-X LIGITEK-LSE12340/TRF-X Datasheet
125Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results

Similar Description - LSE11241

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR1130-PF LIGITEK-LSR1130-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LURF42741-PF LIGITEK-LURF42741-PF Datasheet
110Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG42741 LIGITEK-LVG42741 Datasheet
102Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LHRF11240-PF LIGITEK-LHRF11240-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSR3333 LIGITEK-LSR3333 Datasheet
544Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG1340 LIGITEK-LVG1340 Datasheet
73Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUE21233 LIGITEK-LUE21233 Datasheet
93Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVY42741-PF LIGITEK-LVY42741-PF Datasheet
108Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUR11240H-S4-PF LIGITEK-LUR11240H-S4-PF Datasheet
112Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSR11243-PF LIGITEK-LSR11243-PF Datasheet
110Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com