Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSE12340-TRF-X Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSE12340-TRF-X
Description  TAPE AND REEL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSE12340-TRF-X Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSE12340-TRF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSE12340-TRF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSE12340-TRF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSE12340-TRF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSE12340-TRF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSE12340-TRF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSE12340-TRF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 4/6
SPECIFICATIONS
inch
0.23
0.17
inch
mm
Minimum
0.19
4.8
3.8
0.15
mm
4.2
5.8
Maximum
0.79
0.65
0.93
0.93
0.75
0.61
19.0
15.5
0.85
0.89
21.7
22.5
16.5
20.0
23.7
23.5
0.08
2.0
-------
-------
Dimensions Symbol Information
-------
-------
Component Lead Pitch
Tape Feed Hole Diameter
TRF-13
-------
TRF-14
TRF-15
Height Of Seating Plane
-------
Front-To-Rear Deflection
SYMBOL ITEMS
OPTION
CODE
H
H
D
F
SYMBOL
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.77
0.89
1.08
0.85
0.73
17.5
18.5
0.81
1.0
20.5
25.5
20.5
0.81
27.5
22.5
18.0
19.5
21.5
1.06
0.91
1.42
0.98
0.87
25.0
22.0
-------
-------
36
27.0
23.0
0.51
0.3
0.06
0.18
0.49
12.4
0.2
-------
5.1
-------
3.15
0.12
4.55
1.42
7.7
13.0
0.38
0.61
0.75
0.16
0.33
0.57
8.5
14.5
0.69
17.5
00
15.5
19.0
4.0
9.75
11.0
W0
0.43
TRF-16
TRF-17
TRF-20
TRF-19
TRF-18
Feed Hole To Bottom Of Component
TRF-21
TRF-22
-------
Feed Hole To Overall Component Height
-------
-------
-------
-------
Feed Hole Pitch
Lead Location
Center Of Component Location
Overall Taped Package Thickness
-------
-------
-------
-------
Adhesive Tape Width
Feed Hole Location
Tape Width
Adhesive Tape Position
REMARK:TRF=Tape And Reel Forming Leads
Lead Length After Component Height
-------
P1
W3
W2
W1
W0
T
P2
L
P
H2
H1
14.96
inch
MARKING
D3
Package Dimensions
D2
D1
T2
T1
4.02
3.46
2.25
1.5
D
1.97
Specification
380
3.08
mm
inch
78.2
D
mm
Symbol
minimum
Reel Diameter
Description
Dimensions Symbol Information
102
1.37
88.0
1.13
34.9
D1
28.6
D2
---
57.2
---
T
D3
38.1
13.8
0.54
Hub Recess Inside Diameter
Core Diameter
Overall Reel Thickness
Arbor Hole Diameter
2000PCS
LSE12340/TRF-X
Iside Reel Flange Thickness
T1
50.0
30.0
1.18
maxmum
0.69
0.71
PART NO. LSE12340/TRF-X


Similar Part No. - LSE12340-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSE12340 LIGITEK-LSE12340 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
More results

Similar Description - LSE12340-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com