Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSEFSBKS2093 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSEFSBKS2093
Description  DURL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFSBKS2093 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSEFSBKS2093 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFSBKS2093 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFSBKS2093 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFSBKS2093 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFSBKS2093 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFSBKS2093 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFSBKS2093 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
25
Ambient Temperature(
)
Fig.3 Forward Current vs. Temperature
0
0
10
20
40
30
680
630
530
430
480
480
0
380
580
100
50
75
Wavelength (nm)
Fig.4 Relative Intensity vs. Wavelength
0.5
1.0
2
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1
0
5
10
15
30
25
20
SBK-S CHIP
1.0
Forward Current(mA)
5
4
3
05
Forward Voltage(V)
0
0.25
0.75
0.5
30
25
15
10
20
Fig.2 Relative Intensity vs. Forward Current
1.5
1.25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/6
PART NO. LSEFSBKS2093


Similar Part No. - LSEFSBKS2093

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSEFSBKS2092 LIGITEK-LSEFSBKS2092 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results

Similar Description - LSEFSBKS2093

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392 LIGITEK-LSRFDGM3392 Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LVYDBK3392-R2 LIGITEK-LVYDBK3392-R2 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYVG3392-PF LIGITEK-LVYVG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFSBKS3392 LIGITEK-LSRFSBKS3392 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com