Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSEG2362-S10-H-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSEG2362-S10-H-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG2362-S10-H-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEG2362-S10-H-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Topr
Operating Temperature
-40 ~ +85
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
GaAsP/GaP
GaP
LSEG2362/S10/H-PF
Green
White Diffused
Orange
565
30
1.7
2.6
45
610
1.7
2.6
100
12
8.0
100
8.0
4.5
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
PART NO
Emitted
Lens
COLOR
Min.
Luminous
intensity
@
mA(mcd)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Min. Max.
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Typ.
10
Storage Temperature
Tstg
-40 ~ +100
2/6
Page
mA
30
20
IF
Forward Current
Reverse Current @5V
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
10
10
μA
80
100
80
120
mW
mA
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
G
SE
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LSEG2362/S10/H-PF


Similar Part No. - LSEG2362-S10-H-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSEG21463-PF LIGITEK-LSEG21463-PF Datasheet
124Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG2662-PF LIGITEK-LSEG2662-PF Datasheet
124Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG2662-S37-H-PF LIGITEK-LSEG2662-S37-H-PF Datasheet
133Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG2662/S37/H-PF LIGITEK-LSEG2662/S37/H-PF Datasheet
133Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG27462-S7-PF LIGITEK-LSEG27462-S7-PF Datasheet
129Kb / 7P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LSEG2362-S10-H-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com