Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR2043-TRS-X Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR2043-TRS-X
Description  TAPE AND REEL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR2043-TRS-X Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR2043-TRS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR2043-TRS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR2043-TRS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR2043-TRS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR2043-TRS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR2043-TRS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.42
0.06
-------
-------
T
-------
Overall Taped Package Thickness
57.2
2.25
T2
T1
Overall Reel Thickness
T2
1.18
2000PCS
Iside Reel Flange Thickness
Quantity/Reel
T1
30.0
1.97
50.0
-------
-------
-------
-------
Specification
inch
1.37
0.54
1.13
3.08
minimum
REMARK:TRS=Tape And Reel Straight Leads
Hub Recess Inside Diameter
Arbor Hole Diameter
Description
Reel Diameter
Core Diameter
D
78.2
D1
D3
D2
28.6
13.8
34.9
Symbol
mm
Feed Hole Location
Adhesive Tape Position
Dimensions Symbol Information
Adhesive Tape Width
Tape Width
D3
MARKING
380
14.96
3.46
1.5
4.02
88.0
38.1
102
maxmum
inch
mm
D1
D2
D
Package Dimensions
17.5
W3
W1
W2
W0
14.5
0
8.5
19.0
0.75
0.69
15.5
0.57
04.0
0.33
9.75
0.61
0.16
0.38
4.2
0.17
0.15
3.8
D
Tape Feed Hole Diameter
-------
-------
TRS-3
TRS-2
TRS-1
TRS-5
TRS-8
TRS-7
TRS-6
TRS-4
TRS-9
TRS-10
-------
-------
-------
-------
-------
-------
Feed Hole Pitch
Lead Length After Component Height
Feed Hole To Overall Component Height
Center Of Component Location
Lead Location
Feed Hole To Bottom Of Component
Front-To-Rear Deflection
Component Lead Pitch
25.0
0.98
0.94
24.0
W0
L
P1
P2
P
4.4
5.1
12.4
H2
18.4
-------
24.5
19.0
11.0
0.43
5.8
0.17
0.2
7.7
0.49
13.0
0.23
0.3
0.51
0.72
-------
19.4
36
0.96
0.75
25.5
20.0
0.76
1.42
1.0
0.79
21.5
H1
22.5
19.9
25.5
27.5
H
F
-------
17.5
2.3
22.5
0.89
0.85
0.89
0.78
23.5
20.9
1.0
1.08
26.5
28.5
0.82
0.93
1.04
1.12
2.0
-------
0.69
18.5
0.09
3.0
0.08
0.73
0.12
OPTION
CODE
Dimensions Symbol Information
SYMBOL ITEMS
PART NO. LSR2043/TRS-X
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Minimum
SPECIFICATIONS
SYMBOL
mm
Maximum
inch
mm
inch
3/5
Page


Similar Part No. - LSR2043-TRS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR2043-PF LIGITEK-LSR2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LSR2043-PF-TBS-1 LIGITEK-LSR2043-PF-TBS-1 Datasheet
151Kb / 7P
   TAPE AND BOX ROUND TYPE LED LAMPS
LSR2043-PF/TBS-1 LIGITEK-LSR2043-PF/TBS-1 Datasheet
151Kb / 7P
   TAPE AND BOX ROUND TYPE LED LAMPS
More results

Similar Description - LSR2043-TRS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com