Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR3330-T-PF-TBS-X Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR3330-T-PF-TBS-X
Description  TAPE AND BOX TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR3330-T-PF-TBS-X Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR3330-T-PF-TBS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR3330-T-PF-TBS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR3330-T-PF-TBS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR3330-T-PF-TBS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR3330-T-PF-TBS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR3330-T-PF-TBS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSR3330-T-PF-TBS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
4.2
mm
Maximum
0.17
inch
2.0
22.5
18.5
25.0
23.5
20.9
26.5
0.98
1.04
0.82
0.93
0.73
0.89
0.08
3.0
0.12
inch
0.15
mm
3.8
Minimum
D
-------
SYMBOL
-------
0.85
0.69
-------
21.5
17.5
0.89
0.94
0.78
22.5
24.0
19.9
25.5
1.0
H
-------
H1
2.3
F
-------
0.09
SPECIFICATIONS
SYMBOL ITEMS
Dimension Symbol Information
Component Lead Pitch
Feed Hole To Bottom Of Component
Front-To-Rear Deflection
Tape Feed Hole Diameter
TBS-7
TBS-3
TBS-6
TBS-5
TBS-1
TBS-2
OPTION
CODE
19.4
22.0
20.0
11
36
19.0
21.5
0.75
1.42
0.43
0.76
0.85
0.87
0.79
5.8
1.42
7.7
9.75
15.5
4.0
19
0.38
0.75
0.16
0.61
0.23
0.3
0.06
13
0.51
0.75
0.83
0.72
19.0
21.0
18.4
0.71
-------
18.0
-------
W0
20.5
0.81
L
H2
-------
-------
0.17
-------
0.2
4.4
-------
5.1
0.33
0.57
0
0.69
14.5
8.5
0
17.5
P1
T
P2
-------
-------
-------
W0
W1
W3
W2
-------
-------
-------
-------
12.4
-------
P
0.49
mm
340
13.4
inch
maxmum
2.4
60
275
10.8
Package Dimensions
Feed Hole Location
Tape Width
Adhesive Tape Position
Adhesive Tape Width
Feed Hole To Overall Component Height
Lead Length After Component Height
Overall Taped Package Thickness
Center Of Component Location
Lead Location
Feed Hole Pitch
inch
13.0
mm
330
minimum
L
Symbol
1.97
50
H
265
W
10.4
Quantity/Box
Overall Length
Overall Thickness
Overall Width
Description
Dimensions Symbol Information
2000PCS
Specification
REMARK:TBS=Tape And Box Straight Leads
TBS-13
TBS-10
TBS-12
TBS-11
TBS-9
24.5
TBS-8
0.96
25.5
1.0
Page 3/6
PART NO. LSR3330/T-PF/TBS-X


Similar Part No. - LSR3330-T-PF-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR3330-T LIGITEK-LSR3330-T Datasheet
69Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
More results

Similar Description - LSR3330-T-PF-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com