Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR4733-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSR4733-PF
Description  SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR4733-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSR4733-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR4733-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR4733-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR4733-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR4733-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR4733-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+
-
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
75%
-60
°
100%
60
°
100%
50%
0
25%
50%
25%
75%
30
°
0
°
-30
°
Package Dimensions
PART NO. LSR4733-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/5
6.7
5.8
1.0MIN
25.0MIN
5.9
5.0
2.54TYP
1.5MAX
0.5
TYP


Similar Part No. - LSR4733-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR4730-PF LIGITEK-LSR4730-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4731-PF LIGITEK-LSR4731-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LSR4733-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF4733-PF LIGITEK-LURF4733-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG4733-PF LIGITEK-LVG4733-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4630-T-PF LIGITEK-LSR4630-T-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR14140-PF LIGITEK-LSR14140-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUR4733H-PF LIGITEK-LUR4733H-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4731-PF LIGITEK-LVY4731-PF Datasheet
172Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
L9UG4843-PF LIGITEK-L9UG4843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4733-PF LIGITEK-LVY4733-PF Datasheet
76Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY14140-PF LIGITEK-LVY14140-PF Datasheet
108Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LHRF4333-PF LIGITEK-LHRF4333-PF Datasheet
110Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com