Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRF12343-S3-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRF12343-S3-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF12343-S3-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRF12343-S3-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF12343-S3-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF12343-S3-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF12343-S3-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF12343-S3-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF12343-S3-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page3/5
PART NO. LSRF12343/S3-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1000
3.0
2.5
100
10
Forward Current(mA)
2.0
1.5
1.0
0.5
0.0
5.0
4.0
1.0
Fig.2 Relative Intensity vs. Forward Current
1000
SRF CHIP
10
1.0
3.0
0.1
1.0
2.0
100
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
80
3.0
2.5
2.0
1.0
1.5
20
60
40
-20
0
0.0
60
80
100
-40
0.5
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
650
700
1.2
0.9
1.0
1.1
20
0
40
0.8
-40
-20
1.0
0.5
600
550
0.0
Wavelength (nm)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature


Similar Part No. - LSRF12343-S3-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRF12343-PF-TBS-X LIGITEK-LSRF12343-PF-TBS-X Datasheet
134Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LSRF12343-PF/TBS-X LIGITEK-LSRF12343-PF/TBS-X Datasheet
134Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LSRF12343-S3-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com