Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRF63233-PF-TBS-X Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSRF63233-PF-TBS-X
Description  TAPE AND BOX TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF63233-PF-TBS-X Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSRF63233-PF-TBS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF63233-PF-TBS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF63233-PF-TBS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF63233-PF-TBS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF63233-PF-TBS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF63233-PF-TBS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF63233-PF-TBS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 5/6
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
150
Time(sec)
260
° C3sec Max
260°
Temp(
°C)
2
°/sec
max
100
50
Preheat
120°
25°
0
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
5
°/sec
max
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
PART NO. LSRF63233-PF/TBS-X
60 Seconds Max


Similar Part No. - LSRF63233-PF-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRF12343-PF-TBS-X LIGITEK-LSRF12343-PF-TBS-X Datasheet
134Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LSRF12343-PF/TBS-X LIGITEK-LSRF12343-PF/TBS-X Datasheet
134Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LSRF12343-S3-PF LIGITEK-LSRF12343-S3-PF Datasheet
112Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LSRF12343/S3-PF LIGITEK-LSRF12343/S3-PF Datasheet
112Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LSRF2040-PF LIGITEK-LSRF2040-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LSRF63233-PF-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com