Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRSR3363-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSRSR3363-PF
Description  BIPOLAR ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRSR3363-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSRSR3363-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRSR3363-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRSR3363-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRSR3363-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRSR3363-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRSR3363-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
SR
SR
2
1
°
30
0°
°
60
100%
75%
50%
0
25%
1
Package Dimensions
-30°
Directivity Radiation
°
-60
50%
100% 75%
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
25%
2
25.0MIN
0.5
TYP
1.0MIN
2.54TYP
LSRSR3363-PF
PART NO.
Page 1/5
7.6
8.6
1.5
MAX
5.0
5.9


Similar Part No. - LSRSR3363-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRSR3363 LIGITEK-LSRSR3363 Datasheet
110Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
More results

Similar Description - LSRSR3363-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFSGM3362-R1 LIGITEK-LSRFSGM3362-R1 Datasheet
518Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRFUG3362-R1-PF LIGITEK-LSRFUG3362-R1-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LEG3363-PF LIGITEK-LEG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVG3363-PF LIGITEK-LVYVG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVY3360 LIGITEK-LVYVY3360 Datasheet
66Kb / 5P
   BIPOLAR ROUND TYPE LED LAMPS
LII3360-PF LIGITEK-LII3360-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LSRSR3363 LIGITEK-LSRSR3363 Datasheet
110Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LYG3363-PF LIGITEK-LYG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363 LIGITEK-LURHUYH3363 Datasheet
109Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363-PF LIGITEK-LURHUYH3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com