Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3612-037 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # HSDL-3612-037
Description  IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3612-037 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button HSDL-3612-037 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3612-037 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
HSDL-3612-008 and HSDL3612-038 Package Outline with Dimension
and Recommended PC Board Pad Layout
3.85
0.47
0.36
0.83
0.42
0.94
0.31
0.84
0.53
0.31
0.28
1.77
2.15 +0.05
-0.00
12.2 +0.10
-0.00
4.16 +0.05
-0.00
11.7 +0.05
-0.00
2.5
5
11.7
0.85
0.3
2.08
1.46
2.57
3.84
3.24
5
5
2.08
R2.3
R2.1
0.1
0.1
4.65
R2
R1.77
0.8
0.73
0.94
1.95


Similar Part No. - HSDL-3612-037

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3612-037 HP-HSDL-3612-037 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
More results

Similar Description - HSDL-3612-037

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com