Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3208-021 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-3208-021
Description  Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3208-021 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-3208-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3208-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
TX Power Mode Switching
The transceiver is in default High TX Power Mode
upon powered on. User needs to apply the following
programming sequence to both SD and TXD inputs
to switch the module to Low TX Power Mode. Both
settings of High TX Power and Low TX Power Mode
can be achieved as follows:
1. Set SD/Mode input to logic High.
2. After SD/Mode input remains High at > 25 ns, set
TXD input to logic High, wait ts ≥ 25 ns (from 50%
of TXD rising edge until 50% of SD falling edge).
3. Then set SD/Mode to logic Low. The High to Low
negative edge transition will determine the TX
Power Mode.
4. After waiting for tH ≥ 100 ns, set the TXD input to
logic Low.
5. SD input pulse width for mode selection should be
> 50 ns.
Figure 3. High power mode selection timing diagram.
1. Set SD/Mode input to logic High.
2. TXD input should remain at logic Low.
3. After waiting for ts ≥ 25 ns, set SD/Mode to logic
Low. The High to Low negative edge transition will
determine the TX Power Mode.
4. Ensure that TXD input remains low for tH ≥ 100 ns.
The transmitter is now in High mode.
5. SD input pulse width for mode selection should be
> 50 ns.
Figure 4. Low power mode selection timing diagram.
tS
VIL
VIL
VIH
50%
50%
50%
tH
SD/MODE
TXD
VIH
tS
VIL
VIL
VIH
50%
50%
50%
tH
SD/MODE
TXD


Similar Part No. - HSDL-3208-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3208-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com