Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELLS-406EWA Datasheet(PDF) 2 Page - IDEA.lnc.

Part # ELLS-406EWA
Description  large 10.00 mm (0.39") high seven segment display designed for viewing distances up to 7 meters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

ELLS-406EWA Datasheet(HTML) 2 Page - IDEA.lnc.

  ELLS-406EWA Datasheet HTML 1Page - IDEA.lnc. ELLS-406EWA Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings at Ta = 25 ˚C
Parameter
Symbol
Rating
Units
Forward Current
IF
15
mA
Operating Temperature
Topr
-40 to +85
˚C
Storage Temperature
Tstg
-40 to +100
˚C
Soldering Temperature
Tsol
260 (for ≤ 5 sec)
˚C
Power Dissipation
Pd
40
mW
Pulse Forward Current
(Pulse Width 10 msec and Duty 1/10)
IFP
70
mA
Reverse Voltage
VR
5
V
Electronic Optical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous
Intensity
Per segment
IV
0.18
0.90
mcd
IF = 10 mA
Per decimal
point
Peak Wavelength
λp
635
nm
IF = 20 mA
Dominant Wavelength
λd
625
nm
IF = 20 mA
Spectrum Radiation
Bandwidth
Δλ
45
nm
IF = 20 mA
Forward Voltage
VF
3.0
V
IF = 20 mA
Reverse Current
IR
10
μA
VR = 5 V
ELLS-406EWA
Page 2 of 2
* Specifications subject to change without notice. Dimensions are in mm ±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
0510


Similar Part No. - ELLS-406EWA

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ELLS-406GWA IDEA-ELLS-406GWA Datasheet
116Kb / 2P
   large 10.00 mm (0.39") high seven segment display designed for viewing distances up to 7 meters
ELLS-406LWA IDEA-ELLS-406LWA Datasheet
116Kb / 2P
   large 10.00 mm (0.39") high seven segment display designed for viewing distances up to 7 meters
ELLS-406RWA IDEA-ELLS-406RWA Datasheet
116Kb / 2P
   large 10.00 mm (0.39") high seven segment display designed for viewing distances up to 7 meters
ELLS-406YWA IDEA-ELLS-406YWA Datasheet
116Kb / 2P
   large 10.00 mm (0.39") high seven segment display designed for viewing distances up to 7 meters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com