Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP115A Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP115A
Description  High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP115A Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP115A Datasheet HTML 1Page - Toshiba Semiconductor TLP115A Datasheet HTML 2Page - Toshiba Semiconductor TLP115A Datasheet HTML 3Page - Toshiba Semiconductor TLP115A Datasheet HTML 4Page - Toshiba Semiconductor TLP115A Datasheet HTML 5Page - Toshiba Semiconductor TLP115A Datasheet HTML 6Page - Toshiba Semiconductor TLP115A Datasheet HTML 7Page - Toshiba Semiconductor TLP115A Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP115A
2002-09-25
7
tpHL, tpLH – Ta
Ambient temperature Ta (°C)
300
220
Ambient temperature Ta (°C)
120
tpHL , tpLH – IF
Forward current IF (mA)
120
100
18
20
80
60
40
20
- 20
0
40
20
80
0
20
0
0
60
16
14
12
10
40
80
120
RL = 4kΩ
4kΩ
60
1kΩ
350Ω
RL = 350Ω
1kΩ
4kΩ
1kΩ
RL = 350Ω
350Ω
1kΩ
80
100
260
40
1kΩ
350Ω
1kΩ
4kΩ
RL = 4kΩ
Ta = 25°C
VCC = 5V
tpHL
tpLH
RL = 350Ω
RL = 4kΩ
20
40
60
80
- 20
IF = 16mA
VCC = 5V
tpHL
tpLH
IF = 16mA
VCC = 5V
tf
tr
tr, tf – Ta


Similar Part No. - TLP115A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
More results

Similar Description - TLP115A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP116 TOSHIBA-TLP116 Datasheet
75Kb / 5P
   Digital Isolation for A/D,D/A Conversion. High Speed Line Receiver. Microprocessor System Interfaces. Plasma Display Panel.
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
   Photo−IC High Speed, Long Distance Isolated Line Receiver
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com