Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10125FN Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC10125FN
Description  Quad MECL to TTL Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10125FN Datasheet(HTML) 1 Page - Motorola, Inc

  MC10125FN Datasheet HTML 1Page - Motorola, Inc MC10125FN Datasheet HTML 2Page - Motorola, Inc MC10125FN Datasheet HTML 3Page - Motorola, Inc MC10125FN Datasheet HTML 4Page - Motorola, Inc MC10125FN Datasheet HTML 5Page - Motorola, Inc MC10125FN Datasheet HTML 6Page - Motorola, Inc MC10125FN Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–89
REV 5
© Motorola, Inc. 1996
3/93
Quad MECL to TTL Translator
The MC10125 is a quad translator for interfacing data and control signals
between the MECL section and saturated logic sections of digital systems. The
MC10125 incorporates differential inputs and Schottky TTL “totem pole”
outputs. Differential inputs allow for use as an inverting/ non–inverting translator
or as a differential line receiver. The VBB reference voltage is available on pin 1
for use in single–ended input biasing. The outputs of the MC10125 go to a low
logic level whenever the inputs are left floating.
Power supply requirements are ground, +5.0 Volts and –5.2 Volts.
Propagation delay of the MC10125 is typically 4.5 ns. The MC10125 has fanout
of 10 TTL loads. The dc levels are MECL 10,000 in and Schottky TTL, or TTL
out. This device has an input common mode noise rejection of
± 1.0 Volt.
An advantage of this device is that MECL level information can be received,
via balanced twisted pair lines, in the TTL equipment. This isolates the MECL
logic from the noisy TTL environment. This device is useful in computers,
instrumentation, peripheral controllers, test equipment and digital
communications systems.
PD = 380 mW typ/pkg (No Load)
tpd = 4.5 ns typ (50% to + 1.5 Vdc out)
tr, tf = 2.5 ns typ (1.0 V to 2.0 V)
LOGIC DIAGRAM
4
3
2
5
7
6
12
11
10
13
15
14
1
VBB*
*VBB to be used to supply bias to the MC10125 only and bypassed (when used)
with 0.01
µF to 0.1 µF capacitor to ground (0 V). VBB can source < 1.0 mA.
When the input pin with the bubble goes positive, the output goes negative.
Gnd
=
PIN 16
VCC (+5.0Vdc) =
PIN 9
VEE (–5.2Vdc) =
PIN 8
MC10125
DIP
PIN ASSIGNMENT
VBB
AIN
AIN
AOUT
BOUT
BIN
BIN
VEE
GND
DIN
DIN
DOUT
COUT
CIN
CIN
VCC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Similar Part No. - MC10125FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10125FN ONSEMI-MC10125FN Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
More results

Similar Description - MC10125FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
National Semiconductor ...
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
   Quad TTL-to-MOS Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com