Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR002B Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HR002B
Description  HOME RUN ANALOG FRONT END MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HR002B Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HR002B Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
HOME RUN ANALOG FRONT END MODULE
P/N:HR002B DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/09)
Feature
Designed to meet Home PNA Specification 1.0.
Internal high voltage circuit.
Implement voice home network service on service wire.
Designed for use with AMD’S79C978
Operating temperature range: 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Insertion Loss
(dB Normal
/Max)
Return Loss
(dB Min)
Part
Number
Turns Ratio
6.0 MHz
7.5 MHz
9.0 MHz
6.0 MHz –9.0MHz
HR002B
1CT:1
-1.8/-3
-1.7/-3
-1.8/-3
-10
Continue
Attenuation
(dB Normal
/Min)
Part
Number
2.0MHz
27MHz
HI-POT
(Vrms)
HR002B
-53/-50
–60/-55
1500
Schematic
Mechanica
l


Similar Part No. - HR002B

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR002B BOTHHAND-HR002B Datasheet
265Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR002BA BOTHHAND-HR002BA Datasheet
265Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
More results

Similar Description - HR002B

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EHR002A BOTHHAND-EHR002A Datasheet
151Kb / 1P
   HOME RUN ANALOG MAGNETICS MODULE
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Synaptics Incorporated.
CN7221 CONEXANT-CN7221 Datasheet
238Kb / 18P
   Home Networking Physical Layer Device with Integrated Analog Front End Circuitry
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
   SCANNER ANALOG FRONT END
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com