Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32921C3104M000 Datasheet(PDF) 6 Page - EPCOS

Part # B32921C3104M000
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921C3104M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B32921C3104M000 Datasheet HTML 2Page - EPCOS B32921C3104M000 Datasheet HTML 3Page - EPCOS B32921C3104M000 Datasheet HTML 4Page - EPCOS B32921C3104M000 Datasheet HTML 5Page - EPCOS B32921C3104M000 Datasheet HTML 6Page - EPCOS B32921C3104M000 Datasheet HTML 7Page - EPCOS B32921C3104M000 Datasheet HTML 8Page - EPCOS B32921C3104M000 Datasheet HTML 9Page - EPCOS B32921C3104M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Technical data
Max. operating temperature Top,max
+110
°C
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
CR
≤0.1 µF 0.1µF<C
R
≤2.2 µF C
R >2.2
µF
at
1 kHz
1.0
1.0
2.0
100 kHz
5.0
Insulation resistance Rins
or time constant
τ = C
R
Rins
CR
≤0.33 µF
CR>0.33
µF
100 000 M
Ω 30 000 s
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
2121 V, 2 s
Passive flammability category
to IEC 40 (CO) 752
B
Maximum continuous DC voltage VDC 630 V
Maximum continuous AC voltage VAC 310 V (50/60 Hz)
Rated AC voltage (IEC 60384-14)
305 V (50/60 Hz)
Operating AC voltage Vop at high
temperature
TA
≤ 110 °C
Vop = VAC
(continuously)
TA
≤ 110 °C
Vop = 1.25 VAC (1000 h)
Damp heat test
56 days / 40
°C / 93% relative humidity
Limit values after damp heat test
Capacitance change
∆C/C
≤ 5%
Dissipation factor change
∆ tan δ ≤ 0.5 10-3 (at 1 kHz)
Insulation resistance Rins
≤ 1.0 10-3 (at 10 kHz)
or time constant
τ = C
R
Rins
≥ 50% of minimum
as-delivered values
B32921C/D ... B32926C/D
X2 / 305 V AC
Page 6 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32921C3104M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32921C3104M EPCOS-B32921C3104M Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921C3104M TDK-B32921C3104M Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
Texas Instruments
B32921C3104M189 TI1-B32921C3104M189 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
EPCOS
B32921C3104M189 EPCOS-B32921C3104M189 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3104M289 EPCOS-B32921C3104M289 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32921C3104M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com