Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR003S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HR003S
Description  HOME LAN NETWORKING & 10 /100 -T XFMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HR003S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HR003S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: Apr-21-2000 Pre.by: PiJunMin Rev:2.0
HOME LAN NETWORKING & 10 /100 –T XFMER
P/N: HR003S: APPLY TO SIS 540/630ALL IN ONE CHIP
A.GENERAL SPECIFICATIONS:
1. DESIGN FOR HOME LAN NETWORKING, PHONELINE & ETHERNET .
2. SUPPORTS TUT SYSTEM HOME LAN TECHNOLOGY.
3. SURFACE MOUNTABLE.
4. INTEGRATED 10/100 BASE-T TRANSMIT & RECIVE ISOLATION & EMI FILTER.
B.ELECTRICAL SPECIFICATIONS @ 25
°°°°C:
1. ISOLATION HI-POT:
1500 VRMS (PRI./SEC.)
2. 10/100 BASE-T TURN RATIO (+/- 5%): TX=1CT: 1CT, RX=1CT: 1CT
3. INDUCTANCE (uH ):
TX& RX=550(MIN)
4. INTERWINDING CAPACITANCE (PF): TX & RX=25(MAX)
5. DC RESISTANCE (
Ω):
TX& RX=1.0(MAX)
6. CW/W (PF):
@100KHz/0.2V=30 (MAX)
7. LEKAGE INDUTANCE (uH):
100 KHz/0.2V=0.42(MAX)
8. RETURN LOSS@1-80 MHz:
TX& RX=-10( dB MIN)
9. TUT INSERTION@6MHz-9MHz (dB MAX): -1.0
10.TUT RETURN LOSS: 6.0-9.0 MHz (dB MIN): -10.5
C.SCHEMATIC& DIMENSIONS & MARKING (unit mm):


Similar Part No. - HR003S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR003 BOTHHAND-HR003 Datasheet
39Kb / 1P
   HOME LAN NETWORKING BANDPASS & 10/100 BASE-T FILTER
logo
Vishay Siliconix
HR0030VR50291BB1 VISHAY-HR0030VR50291BB1 Datasheet
100Kb / 4P
   High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Revision: 14-Sep-15
HR0030VT15238AX1 VISHAY-HR0030VT15238AX1 Datasheet
100Kb / 4P
   High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Revision: 14-Sep-15
HR0030VW25291BB1 VISHAY-HR0030VW25291BB1 Datasheet
100Kb / 4P
   High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Revision: 14-Sep-15
HR0035BB50291BA1 VISHAY-HR0035BB50291BA1 Datasheet
100Kb / 4P
   High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Revision: 14-Sep-15
More results

Similar Description - HR003S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR003X BOTHHAND-HR003X Datasheet
33Kb / 1P
   HOME LAN NETWORKING & 10 /100 -T XFMER
HR008 BOTHHAND-HR008 Datasheet
67Kb / 1P
   HOME LAN NETWORKING BANDPASS& 10 /100 BASE-T FILTER
HR003 BOTHHAND-HR003 Datasheet
39Kb / 1P
   HOME LAN NETWORKING BANDPASS & 10/100 BASE-T FILTER
HR002 BOTHHAND-HR002 Datasheet
265Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
EHR009 BOTHHAND-EHR009 Datasheet
189Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTERS
HR001 BOTHHAND-HR001 Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR007 BOTHHAND-HR007 Datasheet
25Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
HR004 BOTHHAND-HR004 Datasheet
30Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
HR004M BOTHHAND-HR004M Datasheet
153Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
logo
List of Unclassifed Man...
LH-1606N ETC1-LH-1606N Datasheet
39Kb / 1P
   HOME PHONE NETWORKING BANDPASS and 10/100 BASE-T FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com