Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32923C3334M189 Datasheet(PDF) 10 Page - EPCOS

Part # B32923C3334M189
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32923C3334M189 Datasheet(HTML) 10 Page - EPCOS

Back Button B32923C3334M189 Datasheet HTML 6Page - EPCOS B32923C3334M189 Datasheet HTML 7Page - EPCOS B32923C3334M189 Datasheet HTML 8Page - EPCOS B32923C3334M189 Datasheet HTML 9Page - EPCOS B32923C3334M189 Datasheet HTML 10Page - EPCOS B32923C3334M189 Datasheet HTML 11Page - EPCOS B32923C3334M189 Datasheet HTML 12Page - EPCOS B32923C3334M189 Datasheet HTML 13Page - EPCOS B32923C3334M189 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1.3
General notes on soldering
Permissible heat exposure loads on film capacitors are primarily characterized by the upper cate-
gory temperature Tmax. Long exposure to temperatures above this type-related temperature limit
can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical
characteristics. For short exposures (as in practical soldering processes) the heat load (and thus
the possible effects on a capacitor) will also depend on other factors like:
Pre-heating temperature and time
Forced cooling immediately after soldering
Terminal characteristics:
diameter, length, thermal resistance, special configurations (e.g. crimping)
Height of capacitor above solder bath
Shadowing by neighboring components
Additional heating due to heat dissipation by neighboring components
Use of solder-resist coatings
The overheating associated with some of these factors can usually be reduced by suitable coun-
termeasures. For example, if a pre-heating step cannot be avoided, an additional or reinforced
cooling process may possibly have to be included.
EPCOS recommends the following conditions:
Pre-heating with a maximum temperature of 110
°C
Temperature inside the capacitor should not exceed the following limits:
MKP/MFP 110
°C
MKT 160
°C
When SMD components are used together with leaded ones, the leaded film capacitors should
not pass into the SMD adhesive curing oven. The leaded components should be assembled af-
ter the SMD curing step.
Leaded film capacitors are not suitable for reflow soldering.
Uncoated capacitors
For uncoated MKT capacitors with lead spacings
≤10 mm (B32560/B32561) the following mea-
sures are recommended:
pre-heating to not more than 110
°C in the preheater phase
rapid cooling after soldering
B32921C/D ... B32926C/D
X2 / 305 V AC
Page 10 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32923C3334M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32923C3334M189 EPCOS-B32923C3334M189 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32923C3334M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com