Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32923C3474M189 Datasheet(PDF) 8 Page - EPCOS

Part # B32923C3474M189
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32923C3474M189 Datasheet(HTML) 8 Page - EPCOS

Back Button B32923C3474M189 Datasheet HTML 4Page - EPCOS B32923C3474M189 Datasheet HTML 5Page - EPCOS B32923C3474M189 Datasheet HTML 6Page - EPCOS B32923C3474M189 Datasheet HTML 7Page - EPCOS B32923C3474M189 Datasheet HTML 8Page - EPCOS B32923C3474M189 Datasheet HTML 9Page - EPCOS B32923C3474M189 Datasheet HTML 10Page - EPCOS B32923C3474M189 Datasheet HTML 11Page - EPCOS B32923C3474M189 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Mounting guidelines
1
Soldering
1.1
Solderability of leads
The solderability of terminal leads is tested to IEC 60068-2-20, test Ta, method 1.
Before a solderability test is carried out, terminals are subjected to accelerated ageing (to
IEC 60068-2-2, test Ba: 4 h exposure to dry heat at 155
°C). Since the ageing temperature is far
higher than the upper category temperature of the capacitors, the terminal wires should be cut off
from the capacitor before the ageing procedure to prevent the solderability being impaired by the
products of any capacitor decomposition that might occur.
Solder bath temperature
235
±5 °C
Soldering time
2.0
±0.5 s
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Evaluation criteria:
Visual inspection
Wetting of wire surface by new solder
≥90%, free-flowing solder
1.2
Resistance to soldering heat
Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1A.
Conditions:
Series
Solder bath temperature Soldering time
MKT boxed (except 2.5
× 6.5 × 7.2 mm)
coated
uncoated (lead spacing > 10 mm)
260
±5 °C
10
±1 s
MFP
MKP (lead spacing > 7.5 mm)
MKT boxed (case 2.5
× 6.5 × 7.2 mm)
5
±1 s
MKP
MKT
(lead spacing
≤ 7.5 mm)
uncoated (lead spacing
≤ 10 mm)
insulated (B32559)
< 4 s
recommended soldering
profile for MKT uncoated
(lead spacing
≤ 10 mm) and
insulated (B32559)
B32921C/D ... B32926C/D
X2 / 305 V AC
Page 8 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32923C3474M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32923C3474M289 EPCOS-B32923C3474M289 Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32923C3474M783 EPCOS-B32923C3474M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923C3474M784 EPCOS-B32923C3474M784 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923C3474M786 EPCOS-B32923C3474M786 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923C3474M787 EPCOS-B32923C3474M787 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32923C3474M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com