Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32928E3456M000 Datasheet(PDF) 5 Page - EPCOS

Part # B32928E3456M000
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32928E3456M000 Datasheet(HTML) 5 Page - EPCOS

  B32928E3456M000 Datasheet HTML 1Page - EPCOS B32928E3456M000 Datasheet HTML 2Page - EPCOS B32928E3456M000 Datasheet HTML 3Page - EPCOS B32928E3456M000 Datasheet HTML 4Page - EPCOS B32928E3456M000 Datasheet HTML 5Page - EPCOS B32928E3456M000 Datasheet HTML 6Page - EPCOS B32928E3456M000 Datasheet HTML 7Page - EPCOS B32928E3456M000 Datasheet HTML 8Page - EPCOS B32928E3456M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical data
Maximum continuous DC voltage VDC 500 V
Maximum continuous AC voltage VAC 310 V (50/60 Hz)
Rated AC voltage ( IEC 60384-14 )
305 V (50/60 Hz)
Max. operating temperature Top,max
+110
°C
DC test voltage
2121 V, 2 s
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
at 1 kHz: 2
Insulation resistance Rins
or time constant
τ = C
R
Rins
at 100 V DC, 20
°C,
rel. humidity
≤ 65% and for 60 s
(minimum as-delivered values)
30 000 s
Passive flammability category
to IEC 40 (CO) 752
B
Capacitance tolerances
(measured at 1 kHz)
±10% (K), ±20% (M)
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt and k0 values
Lead spacing
22.5 mm
27.5 mm
37.5 mm
52.5 mm
dV/dt in V/
µs
140
100
70
40
k0 in V2/
µs
120 400
86 000
60 200
34 400
B32923E/F ... B32928E/F
Efficient filtering – X2 / 305 V AC
Page 5 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32928E3456M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32928E3456M000 EPCOS-B32928E3456M000 Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B32928E3456M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com