Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32913A3224K289 Datasheet(PDF) 2 Page - EPCOS

Part # B32913A3224K289
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32913A3224K289 Datasheet(HTML) 2 Page - EPCOS

  B32913A3224K289 Datasheet HTML 1Page - EPCOS B32913A3224K289 Datasheet HTML 2Page - EPCOS B32913A3224K289 Datasheet HTML 3Page - EPCOS B32913A3224K289 Datasheet HTML 4Page - EPCOS B32913A3224K289 Datasheet HTML 5Page - EPCOS B32913A3224K289 Datasheet HTML 6Page - EPCOS B32913A3224K289 Datasheet HTML 7Page - EPCOS B32913A3224K289 Datasheet HTML 8Page - EPCOS B32913A3224K289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical applications
X1 class for interference suppression
"Across the line" applications
For apparatus permanently connected to
mains and isolated from direct contact with
humidity
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1):
40/110/56
Construction
Dielectric: polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very small dimensions
Good self-healing properties
High voltage capability
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage (IEC),
series number, sub-class (X1),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For taping details, refer to chapter
"Taping and packing".
Dimensional drawing
Dimensions in mm
Lead
spacing
±0.4
Lead
diameter
d1
Type
10
0.6
B32911
15 ... 27.5
0.8
B32912 ... B32914
37.5
1.0
B32916
Marking examples
=10 mm
15
≤ 27.5 mm
(CR
≤ 1 µF)
22.5
≤ 37.5 mm
(CR > 1
µF)
EMI suppression capacitors (MKP)
B32911 ... B32916
X1 / 330 V AC
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32913A3224K289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32913A3224 EPCOS-B32913A3224 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B32913A3224 EPCOS-B32913A3224 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32913A3224 EPCOS-B32913A3224 Datasheet
299Kb / 14P
   Film Capacitors
B32913A3224 EPCOS-B32913A3224 Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32913A3224000 EPCOS-B32913A3224000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32913A3224K289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com