Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57352V5103J060 Datasheet(PDF) 7 Page - EPCOS

Part # B57352V5103J060
Description  NTC thermistors for temperature measurement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57352V5103J060 Datasheet(HTML) 7 Page - EPCOS

Back Button B57352V5103J060 Datasheet HTML 3Page - EPCOS B57352V5103J060 Datasheet HTML 4Page - EPCOS B57352V5103J060 Datasheet HTML 5Page - EPCOS B57352V5103J060 Datasheet HTML 6Page - EPCOS B57352V5103J060 Datasheet HTML 7Page - EPCOS B57352V5103J060 Datasheet HTML 8Page - EPCOS B57352V5103J060 Datasheet HTML 9Page - EPCOS B57352V5103J060 Datasheet HTML 10Page - EPCOS B57352V5103J060 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2)
≤0.2 mm over 10 sprocket holes.
1.2
Blister tape for case size 0805 (taping to IEC 60286-3)
Dimensions (mm)
Case size
0805
(8-mm tape)
Tolerance
A0
× B
0
1.60
× 2.40
±0.2
K0
1.40
max.
T2
2.5
max.
D0
1.50
+0.10/–0
D1
1.00
min.
P0
4.00
±0.102)
P2
2.00
±0.05
P1
4.00
±0.10
W
8.00
±0.30
E
1.75
±0.10
F
3.50
±0.05
G
0.75
min.
Temperature measurement and compensation
B573**V5
SMD NTC thermistors for automotive, case size 0603 (1608)
Automotive
Page 7 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57352V5103J060

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57352V5103060 TDK-B57352V5103060 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
B57352V5103060 TDK-B57352V5103060 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
B57352V5103060 TDK-B57352V5103060 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
More results

Similar Description - B57352V5103J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com