Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57352V5473H060 Datasheet(PDF) 4 Page - EPCOS

Part # B57352V5473H060
Description  NTC thermistors for temperature measurement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57352V5473H060 Datasheet(HTML) 4 Page - EPCOS

  B57352V5473H060 Datasheet HTML 1Page - EPCOS B57352V5473H060 Datasheet HTML 2Page - EPCOS B57352V5473H060 Datasheet HTML 3Page - EPCOS B57352V5473H060 Datasheet HTML 4Page - EPCOS B57352V5473H060 Datasheet HTML 5Page - EPCOS B57352V5473H060 Datasheet HTML 6Page - EPCOS B57352V5473H060 Datasheet HTML 7Page - EPCOS B57352V5473H060 Datasheet HTML 8Page - EPCOS B57352V5473H060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Vibration
MIL-STD-202
Method 204
Acceleration: 5 g
Sweep time: 20 min
Frequency range: 10 ... 2000 Hz
3
× 12 cycles
< 5%
Resistance to
soldering heat
MIL-STD-202
Method 210
Dip: 260
°C; 10 s
1 heat cycle
< 3%
Thermal shock
MIL-STD-202
Method 107
Lower test temperature:
40
°C
Upper test temperature: 150
°C
Dwell time: 15 min
Number of cycles: 300
air-air
< 5%
ESD
AEC-Q200-002 Discharge capacitance: 150 pF
Discharge resistance: 2 k
Charging voltage: 6 kV
Contact discharge
2 pulses in each polarity
< 5%
Solderability
J-STD-002
a) Dip: 235
°C; 5 s:
aging 4 h @ 155
°C
b) Dip: 215
°C; 5 s:
steam aging 8 h @ 92
°C
c) Dip: 260
°C; 7 s:
steam aging 8 h @ 92
°C
95% of
termination
wetted
Electrical
characterization
R(25
°C), R(100 °C), B(25/100)
Within the
specified
values
Flammability
UL-94
V-0 or V-1
Not applicable for SMD thermistors
(component is not coated or
encapsulated with plastic materials)
Board flex
AEC-Q200-005
Method -005
Max. bending: 2 mm
Duration @ max. bending: 60 s
< 5%
Terminal strength
AEC-Q200-006
Method -006
Max. F: 10 N
< 5%
Temperature measurement and compensation
B573**V5
SMD NTC thermistors for automotive, case size 0603 (1608)
Automotive
Page 4 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57352V5473H060

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57352V5473060 TDK-B57352V5473060 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
B57352V5473060 TDK-B57352V5473060 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
B57352V5473060 TDK-B57352V5473060 Datasheet
492Kb / 23P
   NTC thermistors for temperature measurement
More results

Similar Description - B57352V5473H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com