Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32923D3334M783 Datasheet(PDF) 4 Page - EPCOS

Part # B32923D3334M783
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32923D3334M783 Datasheet(HTML) 4 Page - EPCOS

  B32923D3334M783 Datasheet HTML 1Page - EPCOS B32923D3334M783 Datasheet HTML 2Page - EPCOS B32923D3334M783 Datasheet HTML 3Page - EPCOS B32923D3334M783 Datasheet HTML 4Page - EPCOS B32923D3334M783 Datasheet HTML 5Page - EPCOS B32923D3334M783 Datasheet HTML 6Page - EPCOS B32923D3334M783 Datasheet HTML 7Page - EPCOS B32923D3334M783 Datasheet HTML 8Page - EPCOS B32923D3334M783 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
** = Packaging code:
M =
±20%
K =
±10%
83 = Untaped (lead length 3.2
±0.3 mm)
84 = Untaped (lead length 4.0
±0.3 mm)
86 = Untaped (lead length 5.5
±0.5 mm)
87 = Untaped (lead length 26
±2.0 mm)
88 = Reel
89 = Ammo pack
15
0.10
5.0
× 10.5 × 18.0 B32922C3104+7** 4680
5200
4000
0.15
6.0
× 12.0 × 18.0 B32922C3154+7** 3840
4400
4000
0.22
7.0
× 12.5 × 18.0 B32922C3224+7** 3320
3600
4000
0.33
8.0
× 14.0 × 18.0 B32922C3334M7** 2920
3000
2000
0.33
8.5
× 14.5 × 18.0 B32922D3334+7** 2720
2800
2000
0.47
9.0
× 17.5 × 18.0 B32922C3474+7** 2560
2800
2000
0.56
11.0
× 18.5 × 18.0 B32922C3564+7**
2200
1000
22.5
0.33
6.0
× 15.0 × 26.5 B32923C3334M7** 2720
2800
2880
0.33
7.0
× 16.0 × 26.5 B32923D3334+7** 2320
2400
2520
0.47
8.5
× 16.5 × 26.5 B32923C3474+7** 1920
2000
2040
0.56
8.5
× 16.5 × 26.5 B32923C3564+7** 1920
2000
2040
0.68
10.5
× 16.5 × 26.5 B32923C3684+7** 1560
1600
2160
0.82
10.5
× 18.5 × 26.5 B32923C3824+7** 1560
1600
2160
1.0
11.0
× 20.5 × 26.5 B32923C3105+7** 1480
1400
2040
1.5
12.0
× 22.0 × 26.5 B32923C3155M7**
1800
27.5
0.68
11.0
× 19.0 × 31.5 B32924C3684+7**
1400
1280
0.82
11.0
× 19.0 × 31.5 B32924C3824+7**
1400
1280
1.0
11.0
× 19.0 × 31.5 B32924C3105+7**
1400
1280
1.5
12.5
× 21.5 × 31.5 B32924C3155+7**
1200
1120
2.2
14.0
× 24.5 × 31.5 B32924C3225+7**
1040
B32922*7 ... B32924*7
X2 / 305 V AC
Page 4 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32923D3334M783

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32923D3334K000 EPCOS-B32923D3334K000 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923D3334K189 EPCOS-B32923D3334K189 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923D3334K189 EPCOS-B32923D3334K189 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923D3334K289 EPCOS-B32923D3334K289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923D3334K289 EPCOS-B32923D3334K289 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32923D3334M783

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com