Electronic Components Datasheet Search |
|
PSD814F5-20JIT Datasheet(PDF) 6 Page - STMicroelectronics |
|
PSD814F5-20JIT Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 103 page PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2 6/110 SUMMARY DESCRIPTION The PSD8XXFX family of memory systems for mi- crocontrollers (MCUs) brings In-System-Program- mability (ISP) to Flash memory and programmable logic. The result is a simple and flexible solution for embedded designs. PSD devices combine many of the peripheral functions found in MCU based applications. Table 1 summarizes all the devices in the PSD834F2, PSD853F2, PSD854F2. The CPLD in the PSD devices features an opti- mized macrocell logic architecture. The PSD mac- rocell was created to address the unique requirements of embedded system designs. It al- lows direct connection between the system ad- dress/data bus, and the internal PSD registers, to simplify communication between the MCU and other supporting devices. The PSD device includes a JTAG Serial Program- ming interface, to allow In-System Programming (ISP) of the entire device. This feature reduces de- velopment time, simplifies the manufacturing flow, and dramatically lowers the cost of field upgrades. Using ST’s special Fast-JTAG programming, a de- sign can be rapidly programmed into the PSD in as little as seven seconds. The innovative PSD8XXFX family solves key problems faced by designers when managing dis- crete Flash memory devices, such as: – First-time In-System Programming (ISP) – Complex address decoding – Simultaneous read and write to the device. The JTAG Serial Interface block allows In-System Programming (ISP), and eliminates the need for an external Boot EPROM, or an external program- mer. To simplify Flash memory updates, program execution is performed from a secondary Flash memory while the primary Flash memory is being updated. This solution avoids the complicated hardware and software overhead necessary to im- plement IAP. ST makes available a software development tool, PSDsoft Express, that generates ANSI-C compli- ant code for use with your target MCU. This code allows you to manipulate the non-volatile memory (NVM) within the PSD. Code examples are also provided for: – Flash memory IAP via the UART of the host MCU – Memory paging to execute code across several PSD memory pages – Loading, reading, and manipulation of PSD macrocells by the MCU. Table 1. Product Range Note: 1. All products support: JTAG serial ISP, MCU parallel ISP, ISP Flash memory, ISP CPLD, Security features, Power Management Unit (PMU), Automatic Power-down (APD) 2. SRAM may be backed up using an external battery. Part Number(1) Primary Flash Memory (8 Sectors) Secondary Flash Memory 4 Sectors) SRAM(2) I/O Ports Number of Macrocells Serial ISP JTAG/ ISC Port Turbo Mode Input Output PSD813F2 1 Mbit 256 Kbit 16 Kbit 27 24 16 yes yes PSD813F3 1 Mbit none 16 Kbit 27 24 16 yes yes PSD813F4 1 Mbit 256 Kbit none 27 24 16 yes yes PSD813F5 1 Mbit none none 27 24 16 yes yes PSD833F2 1 Mbit 256 Kbit 64 Kbit 27 24 16 yes yes PSD834F2 2 Mbit 256 Kbit 64 Kbit 27 24 16 yes yes PSD853F2 1 Mbit 256 Kbit 256 Kbit 27 24 16 yes yes PSD854F2 2 Mbit 256 Kbit 256 Kbit 27 24 16 yes yes |
Similar Part No. - PSD814F5-20JIT |
|
Similar Description - PSD814F5-20JIT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |