Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622-E1-BB-D1-1311-04 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1622-E1-BB-D1-1311-04
Description  CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622-E1-BB-D1-1311-04 Datasheet(HTML) 3 Page - Emcore Corporation

  1622-E1-BB-D1-1311-04 Datasheet HTML 1Page - Emcore Corporation 1622-E1-BB-D1-1311-04 Datasheet HTML 2Page - Emcore Corporation 1622-E1-BB-D1-1311-04 Datasheet HTML 3Page - Emcore Corporation 1622-E1-BB-D1-1311-04 Datasheet HTML 4Page - Emcore Corporation 1622-E1-BB-D1-1311-04 Datasheet HTML 5Page - Emcore Corporation 1622-E1-BB-D1-1311-04 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DATA SHEET
| MAY 25, 2006
ORTEL, A division of EMCORE
1622 CWDM DFB Laser Component
RF Characteristics
Laser Temperature (TL) = 25°C, IF = IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency Range
F
-
5
-
860
MHz
Frequency Response
S21
IF = 60 mA, 5 MHz-860 MHz
-
-
±0.5
dB
Carrier-to-Noise Ratio
CNR
-
51
-
-
dB
Comp. Second Order
CSO
4, 6, 8 mW options
10 mW options
55
57
-
-
-
-
dB
dB
Composite Triple Beat
CTB
varies with power option
65-66
-
-
dB
Relative Intensity Noise
RIN
-
-
<-155
-
dB/Hz
3.2% OMI, 112 ch. NTSC
In order to prevent reflection-induced distortion, the laser must be connected to an optical cable having a return loss of at least 55 dB for discrete
reflections and 30 dB for distributed reflections.
Outline Diagram
Dimensions are in inches and (millimeters)


Similar Part No. - 1622-E1-BB-D1-1311-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1622-E1-BB-D1-1311-04

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com