Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622-E3-BB-D2-1311-04 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1622-E3-BB-D2-1311-04
Description  CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622-E3-BB-D2-1311-04 Datasheet(HTML) 1 Page - Emcore Corporation

  1622-E3-BB-D2-1311-04 Datasheet HTML 1Page - Emcore Corporation 1622-E3-BB-D2-1311-04 Datasheet HTML 2Page - Emcore Corporation 1622-E3-BB-D2-1311-04 Datasheet HTML 3Page - Emcore Corporation 1622-E3-BB-D2-1311-04 Datasheet HTML 4Page - Emcore Corporation 1622-E3-BB-D2-1311-04 Datasheet HTML 5Page - Emcore Corporation 1622-E3-BB-D2-1311-04 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
| MAY 25, 2006
For more information on this and other products:
Contact Sales at Ortel 626-293-3400, or visit www.emcore.com.
Applications
CWDM forward path
Broadcast and narrowcast
networks
CWDM cuts new fiber costs
High optical splits
Features
OC-48 pinout compatible
Telcordia Technologies
TM 468
compliant
Up to 110 channel count
Up to 10 mW
Wide temperature range—
stable even in harsh
environments
1622 CWDM DFB Laser Module
The 1622 ITU G.695 compliant CWDM forward path DFB laser
components are designed for both broadcast and narrowcast analog
applications. The highly linear, OC-48 pinout compatible components
feature options for up to 10 mW of minimum optical output power with
superior distortion performance over an enhanced temperature range of
-40
°C to +85°C.
Performance Highlights
Min
Typical
Max
Units
Wavelength
1287
1307
1327
1291
1311
1331
1295
1315
1335
nm
Optical Output Power
4
6
8
10
-
-
mW
Temperature Range
-40
-
+85
°C
Frequency Range
40
-
860
MHz
Carrier to Noise Ratio
51
-
-
dB
Composite Second Order (multiple versions)
-
-
-57
dB
Composite Triple Beat (multiple versions)
-
-
-66
dB
See following pages for complete specifications and conditions.
DRAFT


Similar Part No. - 1622-E3-BB-D2-1311-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1622-E3-BB-D2-1311-04

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com