Electronic Components Datasheet Search |
|
1622-E2-AA-D1-1291-08 Datasheet(PDF) 1 Page - Emcore Corporation |
|
1622-E2-AA-D1-1291-08 Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 6 page DATA SHEET | MAY 25, 2006 For more information on this and other products: Contact Sales at Ortel 626-293-3400, or visit www.emcore.com. Applications CWDM forward path Broadcast and narrowcast networks CWDM cuts new fiber costs High optical splits Features OC-48 pinout compatible Telcordia Technologies TM 468 compliant Up to 110 channel count Up to 10 mW Wide temperature range— stable even in harsh environments 1622 CWDM DFB Laser Module The 1622 ITU G.695 compliant CWDM forward path DFB laser components are designed for both broadcast and narrowcast analog applications. The highly linear, OC-48 pinout compatible components feature options for up to 10 mW of minimum optical output power with superior distortion performance over an enhanced temperature range of -40 °C to +85°C. Performance Highlights Min Typical Max Units Wavelength 1287 1307 1327 1291 1311 1331 1295 1315 1335 nm Optical Output Power 4 6 8 10 - - mW Temperature Range -40 - +85 °C Frequency Range 40 - 860 MHz Carrier to Noise Ratio 51 - - dB Composite Second Order (multiple versions) - - -57 dB Composite Triple Beat (multiple versions) - - -66 dB See following pages for complete specifications and conditions. DRAFT |
Similar Part No. - 1622-E2-AA-D1-1291-08 |
|
Similar Description - 1622-E2-AA-D1-1291-08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |