Electronic Components Datasheet Search |
|
1622-E1-BB-D2-1291-08 Datasheet(PDF) 2 Page - Emcore Corporation |
|
1622-E1-BB-D2-1291-08 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 6 page DATA SHEET | MAY 25, 2006 ORTEL, A division of EMCORE 1622 CWDM DFB Laser Component Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameter Symbol Condition Min Max Units Operating Case Temperature TC continuous -40 +85 °C Storage Temperature TSTG - -40 +85 °C Laser Forward dc Current - - - 150 mA Photodiode Reverse Voltage VRPD - - 10 V Laser Reverse Voltage, dc - - - 1 V ESD - HBM: R = 1500 Ohm, C = 100 pF -500 500 V TEC Current ITEC continuous -1.9 1.9 A Electrical/Optical Characteristics Laser Temperature (TL) = 25°C, IF=IOP, Beginning of Life (BOL) Parameter Symbol Condition Min Typ Max Unit Wavelength λ 1290 nm option 1310 nm option 1330 nm option 1287 1307 1327 1291 1311 1331 1295 1315 1335 nm Optical Output Power - 1622-xxxx-04 version 1622-xxxx-06 version 1622-xxxx-08 version 1622-xxxx-10 version 4 6 8 10 - - - - -- - - mW Optical Isolation ISO - 30 - - dB Sidemode Suppression Ratio SMSR - 35 - - dB Threshold Current ITH - - - 20 mA Operating Current IOP varies with power option - - 120 mA Monitor PD Responsivity rPD VRM=5V 10 - 200 μA/mW Thermistor Resistance RTH TOP=25 °C 9.5 10 10.5 KOhm Thermistor Temp. Coefficient TCTH TOP=25 °C - -4.4 - %/ °C TEC Current ITEC -40<TC<+85°C, IF = 100 mA -1.5 - 1.6 A Fiber Length - May include splice 1.0 1.5 - m Fiber Buffer - - - 900 - μm Fiber Core / Cladding - - - 9/125 - μm |
Similar Part No. - 1622-E1-BB-D2-1291-08 |
|
Similar Description - 1622-E1-BB-D2-1291-08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |