Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622-E1-BB-D1-1331-08 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1622-E1-BB-D1-1331-08
Description  CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622-E1-BB-D1-1331-08 Datasheet(HTML) 2 Page - Emcore Corporation

  1622-E1-BB-D1-1331-08 Datasheet HTML 1Page - Emcore Corporation 1622-E1-BB-D1-1331-08 Datasheet HTML 2Page - Emcore Corporation 1622-E1-BB-D1-1331-08 Datasheet HTML 3Page - Emcore Corporation 1622-E1-BB-D1-1331-08 Datasheet HTML 4Page - Emcore Corporation 1622-E1-BB-D1-1331-08 Datasheet HTML 5Page - Emcore Corporation 1622-E1-BB-D1-1331-08 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET
| MAY 25, 2006
ORTEL, A division of EMCORE
1622 CWDM DFB Laser Component
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those
given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can
adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Case Temperature
TC
continuous
-40
+85
°C
Storage Temperature
TSTG
-
-40
+85
°C
Laser Forward dc Current
-
-
-
150
mA
Photodiode Reverse Voltage
VRPD
-
-
10
V
Laser Reverse Voltage, dc
-
-
-
1
V
ESD
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
TEC Current
ITEC
continuous
-1.9
1.9
A
Electrical/Optical Characteristics
Laser Temperature (TL) = 25°C, IF=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Wavelength
λ
1290 nm option
1310 nm option
1330 nm option
1287
1307
1327
1291
1311
1331
1295
1315
1335
nm
Optical Output Power
-
1622-xxxx-04 version
1622-xxxx-06 version
1622-xxxx-08 version
1622-xxxx-10 version
4
6
8
10
-
-
-
-
--
-
-
mW
Optical Isolation
ISO
-
30
-
-
dB
Sidemode Suppression Ratio
SMSR
-
35
-
-
dB
Threshold Current
ITH
-
-
-
20
mA
Operating Current
IOP
varies with power option
-
-
120
mA
Monitor PD Responsivity
rPD
VRM=5V
10
-
200
μA/mW
Thermistor Resistance
RTH
TOP=25 °C
9.5
10
10.5
KOhm
Thermistor Temp. Coefficient
TCTH
TOP=25 °C
-
-4.4
-
%/
°C
TEC Current
ITEC
-40<TC<+85°C, IF = 100 mA
-1.5
-
1.6
A
Fiber Length
-
May include splice
1.0
1.5
-
m
Fiber Buffer
-
-
-
900
-
μm
Fiber Core / Cladding
-
-
-
9/125
-
μm


Similar Part No. - 1622-E1-BB-D1-1331-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1622-E1-BB-D1-1331-08

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com