Electronic Components Datasheet Search |
|
1622-E1-AA-D2-1311-10 Datasheet(PDF) 5 Page - Emcore Corporation |
|
1622-E1-AA-D2-1311-10 Datasheet(HTML) 5 Page - Emcore Corporation |
5 / 6 page 5 DATA SHEET | MAY 25, 2006 ORTEL, A division of EMCORE 1622 CWDM DFB Laser Component Pin Definitions Laser Safety This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class IIIb laser product. This device has been classified with the FDA/CDRH under accession number 0220191. Single-mode fiber pigtail with SC/APC connectors (standard). Wavelength = 1.3 μm. Maximum power = 50 mW. Because of size constraints, laser safety labeling (including an FDA class IIIb label) is not affixed to the module, but attached to the outside of the shipping carton. Product is not shipped with power supply. Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous laser radiation exposure. Pin Description 1 Thermistor 2 Thermistor 3 Dc Laser Bias (-) 4 MPD Anode (-) 5 MPD Cathode (+) 6 Thermal Electric Cooler (+) 7 Thermal Electric Cooler (-) 8 Case Ground 9 Case Ground 10 NC 11 Laser Common (+) 12 Laser Modulation (-) 13 Laser Common (+) 14 NC DANGER INVI SIBLE LASER RADIATION IS EMITTED FROM THE END O F FIBER OR CONNECTOR Avoid direct exposure to beam Do not view beam directly with optical instr uments INVISIBLE LASER RADIAT ION EMITTED FROM END OF FIBER OR CONNECTOR Avoidexposureto beam Class3BLaser Product IEC-608251993 Max. Output:50mW Wavelength: 1.3μm DANGER INVISIBLELASERRADIATION Max. Output:50mW, ClassIIIb Laser Product AVOIDDIRECT EXPOSURETOBEAM W avelength: 1.3 μm |
Similar Part No. - 1622-E1-AA-D2-1311-10 |
|
Similar Description - 1622-E1-AA-D2-1311-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |