Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622-E3-AA-D2-1311-10 Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1622-E3-AA-D2-1311-10
Description  CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622-E3-AA-D2-1311-10 Datasheet(HTML) 6 Page - Emcore Corporation

  1622-E3-AA-D2-1311-10 Datasheet HTML 1Page - Emcore Corporation 1622-E3-AA-D2-1311-10 Datasheet HTML 2Page - Emcore Corporation 1622-E3-AA-D2-1311-10 Datasheet HTML 3Page - Emcore Corporation 1622-E3-AA-D2-1311-10 Datasheet HTML 4Page - Emcore Corporation 1622-E3-AA-D2-1311-10 Datasheet HTML 5Page - Emcore Corporation 1622-E3-AA-D2-1311-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
DATA SHEET
| MAY 25, 2006
ORTEL, A division of EMCORE
1622 CWDM DFB Laser Component
Ordering Information
Contact Ortel for ordering information at 626-293-3400.
Ordering Code Definitions
1622-aa-ww-xx-yyyy-zz
Example
1622-E2-AA-D1-1331-10: 1622, SC/APC connector, standard performance, 79-channel NTSC, 1331 nm center
wavelength, 10 mW minimum optical power.
Family Name
Analog O-Band CWDM DFB, Laser
Distortion Performance
ww = AA: Standard Performance
ww = BB: Enhanced Performance
Frequency Plan
xx = D1: 79 Channel
xx = D2: 112 Channel
Optical Connector
aa = E1: FC/APC
aa = E2: SC/APC
aa = E3: None
Center Wavelength
yyyy = 1291: 1291 nm
yyyy = 1311: 1311 nm
yyyy = 1331: 1331 nm
Minimum Optical Power
zz = 04: 4 mW
zz = 06: 6 mW
zz = 08: 8 mW
zz = 10: 10 mW
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.
ds.1622
© Copyright 2003. EMCORE Corporation
Ortel, a division of EMCORE
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com


Similar Part No. - 1622-E3-AA-D2-1311-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1622-E3-AA-D2-1311-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com