Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3000TE-NNSP-L Datasheet(PDF) 2 Page - Emcore Corporation

Part # 3000TE-NNSP-L
Description  Long Range L-Band Transport
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3000TE-NNSP-L Datasheet(HTML) 2 Page - Emcore Corporation

  3000TE-NNSP-L Datasheet HTML 1Page - Emcore Corporation 3000TE-NNSP-L Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Min
Typ
Max
Units
Channel Loading
110
Bandwidth (110 Ch)
40
870
MHz
Operating Wavelength
1290
1310
1330nm
Required Fiber Bandwidth
2,000
MHz
Input/Output Impedance
75
Ohms
Side Mode Suppression Ratio
30
dB
Back Reflection Tolerance
-50 dB
CSO
-65
dB
CTB
-69
dB
Rev. 1.3 01/17/05
Min
Typ
Max
Units
Power Supply Voltage
120
240
VAC
Power Supply Frequency
50
60
Hz
Power Dissipation
25
Watts
Fuse Rating (Slow Blow)
1.25
A
Operating Temp. Range
0
+45
°C
Storage Temp Range
-20
+70
°C
Humidity
0
90
%
Weight
5.5
lbs.
2.5
kg
Dimensions
19 x 1.72 x 14.1
in.
483 x 44 x 358
mm
Electrical, Environmental, and Physical Characteristics*
110 Channel SM 1310 nm Transmitter P/N*
Optical Characteristics*
*System performance specifications indicated for use with 9/125 µm single-mode fiber.
FC/APC optical connectors and other optical output powers are available for the transmitter. Please see IOM2804 for complete transmitter part numbers.
The PDS transmitter is designed to operate with the Model 2807 and/or Model 2808 CATV receivers. See IOM2807 and IOM2808 for complete details.
20
25
30
35
40
45
0
102030
4050
60
70
80
90
100 110
Total Number of Input Channels
Model 2804 Transmitter Front and Rear Views
Tx Options
+6 dBm Opt. Output
2804TH-SCSP/06
2804TH-SCSP/08
2804TJ-SCSP/10
2804TK-SCSP/12
2804TL-SCSP/13
+8 dBm Opt. Output
+10 dBm Opt. Output
+12 dBm Opt. Output
+13 dBm Opt. Output
Tx, 1RU, SM, 1310 nm
Specifications and Ordering Information
Specifications and Ordering Information
825 Park Street, Christiansburg, VA 24073
USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392
csr-sales@forceinc.com • www.forceinc.com
Force
Optical Broadcast Systems
Force, Incorporated reserves the right to make changes to the product described in this document in the interest of product improvement.
© 2005 by Force, Incorporated.
All rights reserved.


Similar Part No. - 3000TE-NNSP-L

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
3000T KEYSIGHT-3000T Datasheet
2Mb / 40P
   InfiniiVision 3000T X-Series Oscilloscopes
logo
List of Unclassifed Man...
3000TL ETC2-3000TL Datasheet
302Kb / 2P
   Maximum DC input voltage of 750 V
logo
Keysight Technologies
3000TX KEYSIGHT-3000TX Datasheet
2Mb / 38P
   InfiniiVision 3000T X- Series
More results

Similar Description - 3000TE-NNSP-L

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2990PRO EMCORE-2990PRO Datasheet
78Kb / 2P
   DBS L-Band Transport
logo
Communications & Power ...
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Semtech Corporation
SX1301MLTRC SEMTECH-SX1301MLTRC Datasheet
145Kb / 1P
   Base Band Processor for Data Concentrator for Long Range Communication Network
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
logo
Hynix Semiconductor
GDC21D301A HYNIX-GDC21D301A Datasheet
861Kb / 35P
   Transport Decoder
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
SHENZHEN KYL COMMUNICAT...
KYL-T206 KYL-KYL-T206 Datasheet
215Kb / 1P
   Long Range FrequencyModulation Receiver
logo
SICK AG
DL100-23AB2109 SICK-DL100-23AB2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2101 SICK-DL100-11AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com