Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10458F-SA Datasheet(PDF) 1 Page - Emcore Corporation

Part # 10458F-SA
Description  PIN Microwave Photodiode Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

10458F-SA Datasheet(HTML) 1 Page - Emcore Corporation

  10458F-SA Datasheet HTML 1Page - Emcore Corporation 10458F-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10458
PIN Microwave Photodiode Receiver
The 10458 PIN microwave photodiode receiver incorporates a
high-speed planar PIN photodiode, with low-noise bias and
monitor electronics. The units installs in Emcore’s System
10000 3RU equipment rack providing a highly reliable, high-
power photodiode receiver. The receiver is well matched over
the operating frequency band, thereby simplifying high-speed
integration.
Features
Highly reliable planar photodiode technology
High power capability
Bandwidth up to 22 GHz
Good RF matching, 12 dB typ.
MICROWAVE
Applications
Parameter
Min
Typical
Max
Units
Storage Temperature
-40
-
+85
°C
Operating Temperature
-10
25
+50
°C
Responsivity
0.7
-
-
A/W
Receiver Gain (1 GHz)
-9.1
-
-
dB (A/W)
Dark Current (25C)
-
-
5
nA
Max Current
-
-
10
mA
Optical Input
-
-
11
dBm
RF Return Loss
8
12
-
dB
Optical Wavelength Range
1280
-
1580
nm
Optical Return Loss
-
-
-40
dB
Antenna Remoting
Military Communications
Phased Arrays
EW
Delay Lines for Radar Calibration
Performance Highlights
Parameter
Symbol
Condition
Min
Typical
Max
Units
Bandwidth
f
3dB
10458C
10458D
10458E
10458F
0.05
0.05
0.05
0.05
-
-
-
-
5
10
20
22
GHz
Impedance
Z
Resistively matched SMA connector
-
50
-
Ohm
S21 Flatness
-
50 MHz – 10 GHz (C & D)
50 MHz – 20 GHz (E)
50 MHz – 22 GHz (F)
-
-
-
2
3
5
4
5
6
dB p-p
Specified characteristics apply for the recommended operating conditions at beginning of
life, 25°C, unless noted otherwise.
Typical S21 Data
RF Characteristics
50 MHz
22 GHz
Copyright © 2008 Emcore Corporation
505 332 5000
505 332 5100
photovoltaic-sales@emcore.com
www.emcore.com
Copyright © 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com


Similar Part No. - 10458F-SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10458 ETC-10458 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10458 HEYCO-10458 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
Lapp.
10458000 LAPP-10458000 Datasheet
110Kb / 1P
   EPIC® LOCKING LEVERS FOR H-A / H-B HOUSING
17.09.2018
logo
Emcore Corporation
10458C-FA EMCORE-10458C-FA Datasheet
63Kb / 2P
   High Power PIN Photodiode Receiver
10458C-SA EMCORE-10458C-SA Datasheet
63Kb / 2P
   High Power PIN Photodiode Receiver
More results

Similar Description - 10458F-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
10458C-SA EMCORE-10458C-SA_10 Datasheet
63Kb / 2P
   High Power PIN Photodiode Receiver
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1300 OPTOWAY-PDA-1300_09 Datasheet
116Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
logo
Emcore Corporation
2522A-SF-AC-SA EMCORE-2522A-SF-AC-SA_13 Datasheet
660Kb / 3P
   Microwave Packaged Photodiode
2522A-SF-AC-SA EMCORE-2522A-SF-AC-SA Datasheet
100Kb / 3P
   Microwave Packaged Photodiode
25221 EMCORE-25221 Datasheet
587Kb / 3P
   Microwave Packaged Photodiode
logo
Optoway Technology Inc
PDA-1500-3-XA OPTOWAY-PDA-1500-3-XA Datasheet
68Kb / 2P
   3GHz InGaAs PIN Photodiode Module for CATV Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com