Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMT2103-XX-FC-1 Datasheet(PDF) 2 Page - Emcore Corporation

Part # DEMT2103-XX-FC-1
Description  1550 nm Externally Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

DEMT2103-XX-FC-1 Datasheet(HTML) 2 Page - Emcore Corporation

  DEMT2103-XX-FC-1 Datasheet HTML 1Page - Emcore Corporation DEMT2103-XX-FC-1 Datasheet HTML 2Page - Emcore Corporation DEMT2103-XX-FC-1 Datasheet HTML 3Page - Emcore Corporation DEMT2103-XX-FC-1 Datasheet HTML 4Page - Emcore Corporation DEMT2103-XX-FC-1 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY DATA SHEET | MARCH 17, 2008
2 of 5
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
xEMT 2100 Series 1550nm Transmitter
Optical / Electrical Characteristics
DEMT
PROPERTY
UNITS
MODELS
COMMENTS
PERFORMANCE (note 1,2,3,4)
DEMT2101
DEMT2102
DEMT2103
DEMT2104
Specified Link Length
L (km)
40
40
40
40
Channel Plan
NTSC 80-Ch
PAL 60-Ch
NTSC 110-ch
PAL 89-Ch
Output Power
Po (dBm)
11.0
11.0
11.0
11.0
Min.
Noise Bandwidth
BW (MHz)
4
5
4
5
SBS Suppression
(dBm)
> 12.0
>12.0
>12.0
>12.0
Min.
Carrier to Noise Ratio
CNR (dB)
54.0
54.0
51.0
51.0
Min.
Composite Second Order
CSO (dBc)
-65
-65
-65
-65
Max.
Composite Triple Beat
CTB (dBc)
-65
-65
-65
-65
Max. @ +25
°C
Composite Triple Beat
CTB (dBc)
-64
-64
-64
-64
Max. @ 0oC to 50oC
SEMT
PROPERTY
UNITS
MODELS
COMMENTS
PERFORMANCE (note 1,2,3,4)
SEMT2101
SEMT2102
SEMT2103
SEMT2104
Specified Link Length
L (km)
65
65
65
65
Channel Plan
NTSC 80-Ch
PAL 60-Ch
NTSC 110-ch
PAL 89-Ch
Output Power
Po (dBm)
6.0/ 6.0
6.0/ 6.0
6.0/ 6.0
6.0/ 6.0
Min.
Note:Higher output
powers available
Noise Bandwidth
BW (MHz)
4
5
4
5
SBS Suppression
(dBm)
16.0
16.0
16.0
16.0
Min.
Carrier to Noise Ratio
CNR (dB)
53.0/ 53.0
53.0/ 53.0
50.0/ 50.0
50.0/ 50.0
Min.
Composite Second Order
CSO (dBc)
-65/ -65
-65/ -65
-65/ -65
-65/ -65
Max.
Composite Triple Beat
CTB (dBc)
-65
-65
-65
-65
Max. @ +25
°C
Composite Triple Beat
CTB (dBc)
-64
-64
-64
-64
Max. @ 0oC to 50oC
HEMT
PROPERTY
UNITS
MODELS
COMMENTS
PERFORMANCE (note 1,2,3,4)
HEMT2101
HEMT2102
Specified Link Length
L (km)
80
80
Channel Plan
NTSC 80-Ch
PAL 60-Ch
Output Power
Po (dBm)
6.0/ 6.0
6.0/ 6.0
Min.
Noise Bandwidth
BW (MHz)
4
5
SBS Suppression
(dBm)
18.0
18.0
Min.
Carrier to Noise Ratio
CNR (dB)
52.0/ 52.0
52.0/ 52.0
Min.
Composite Second Order
CSO (dBc)
-65/ -65
-65/ -65
Max.
Composite Triple Beat
CTB (dBc)
-65
-65
Max. @ +25
°C
Composite Triple Beat
CTB (dBc)
-64
-64
Max. @ 0oC to 50oC
FEMT
PROPERTY
Units
MODELS
COMMENTS
PERFORMANCE (note 1,2,3,4)
FEMT2101
FEMT2102
FEMT2103
FEMT2104
Specified Link Length
L (km)
20
20
20
20
Channel Plan
NTSC 80-Ch
PAL 60-Ch
NTSC 110-ch
PAL 89-Ch
Output Power
Po (dBm)
6.0/ 6.0
6.0/ 6.0
6.0/ 6.0
6.0/ 6.0
Min.
Noise Bandwidth
BW (MHz)
4
5
4
5
SBS Suppression
(dBm)
20.0
20.0
20.0
20.0
Min.
Carrier to Noise Ratio
CNR (dB)
48.0
48.0
45.0
45.0
Min.
Composite Second Order
CSO (dBc)
-58
-58
-58
-58
Max.
Composite Triple Beat
CTB (dBc)
-58
-58
-58
-58
Max.


Similar Part No. - DEMT2103-XX-FC-1

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEMT2103-XX-FC-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com