Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEMT2104-SC-2 Datasheet(PDF) 1 Page - Emcore Corporation

Part # DEMT2104-SC-2
Description  1550 nm Externally Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

DEMT2104-SC-2 Datasheet(HTML) 1 Page - Emcore Corporation

  DEMT2104-SC-2 Datasheet HTML 1Page - Emcore Corporation DEMT2104-SC-2 Datasheet HTML 2Page - Emcore Corporation DEMT2104-SC-2 Datasheet HTML 3Page - Emcore Corporation DEMT2104-SC-2 Datasheet HTML 4Page - Emcore Corporation DEMT2104-SC-2 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRELIMINARY DATA SHEET | MARCH 17, 2008
1 of 5
For more information on this and other products:
Contact EMCORE Sales at 626-293-3400, or visit www.emcore.com.
Applications
High performance supertrunking links
High power distribution networks
Redundant ring architectures
FTTx networks
Features
Single or Dual Optical Outputs
Front Panel RF Test Point
RS232 Control Interface
Electro-Fluorescence Status Display
OMI / RF Gain Adjustment
AGC Select: CW, Video, Manual
(No AGC)
Industry Leading Field Adjustable SBS
Suppression
Field Adjustable Electronic Dispersion
Compensation (EDC)
EMCORE’s DEMT/SEMT/HEMT/FEMT 2100 series product line is a family of state-
of-the-art high performance 1550 nm externally modulated CATV fiber optic
transmitters. Packaged in a convenient 1U 19” rack housing, this line of transmitters
couples high optical output powers, up to 11.0 dBm, with low optical linewidth
resulting in unmatched performance. The characteristics of the EMCORE transmitter
design exhibit high CNR when coupled with one or more EDFAs over 100km, or used
stand alone up to 80km. The optical modulator, combined with the proprietary
predistortion circuit, provides superior CTB and CSO performance with SBS
suppression levels of greater than 20 dBm. Newly introduced features such as built in
field adjustable SBS control and electronic dispersion compensation allow these
transmitters to be quickly optimized in the field for any link or application without the
need to procure specifically tuned transmitters. This affords the system designer a
level of flexibility previously unknown in the CATV market place. All of these
characteristics together provide a line of high quality; industry-leading transmitters
that have the versatility needed to support HFC networks far into the 21st century.
The DEMT series transmitters are designed to be employed as a low cost, high
performance solution for applications where the required fiber length is in the range
of 20 to 50 kilometers. Advanced, high power, DFB laser technology allows these
transmitters to be fielded without the use of expensive and performance degrading
EDFAs. This unique externally modulated transmitter technology allows the DEMT
series of transmitters to be used in many novel HFC applications and architectures.
The SEMT series transmitters are designed to be the most versatile model within the
2100 series family of 1550nm externally modulated transmitters. They can easily be
configured to meet most HFC network solutions requiring link lengths in the range of
50 to 70 kilometers with one EDFA as well as links utilizing multiple EDFA’s. In
addition, they will perform optimally in systems that require multiple optical splits and
fiber branching incorporating unequal fiber lengths.
The HEMT series transmitters are high performance, 1550nm externally modulated
transmitters optimized for single EDFA fiber links in the 70 to 90 kilometer range.
These transmitters take advantage of the 2100 series advanced fiber dispersion
compensation circuitry to provide exceptional CATV performance. The HEMT series
of transmitters provide a cost efficient, transport solution for medium to long
distances
The FEMT series transmitters are intended for use in FTTx architecture designs
requiring high quality transmission over varying transmission lengths and EDFA
output powers. These transmitters successfully support very high optical launch
powers while controlling the detrimental effects of Stimulated Brillouin Scattering
(SBS), group velocity dispersion (GVD), and self phase modulation (SPM) that
normally limit performance in conventional externally modulated products.
2100 Series 1550 nm Externally Modulated Transmitter


Similar Part No. - DEMT2104-SC-2

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEMT2104-SC-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com