Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL15300ZI-XXXT Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # SL15300ZI-XXXT
Description  Programmable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15300ZI-XXXT Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button SL15300ZI-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 9Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 10Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 11Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 12Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 13Page - SpectraLinear Inc SL15300ZI-XXXT Datasheet HTML 14Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Rev 1.0, August 14, 2008
Page 10 of 16
SL15300
Output Rise/Fall Time
tr/f2
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
2.00
2.40
ns
Output Rise/Fall Time
tr/f3
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.40
1.70
ns
Output Rise/Fall Time
tr/f4
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
1.10
1.35
ns
Output Rise/Fall Time
tr/f5
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.85
1.00
ns
Output Rise/Fall Time
tr/f6
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.70
0.85
ns
Output Rise/Fall Time
tr/f7
Programmable, VDD=3.3V,
CL=15pF, 20 to 80% of VDD
-
0.55
0.67
ns
Cycle-to-Cycle Jitter
(SSCLK – Pins 4/6/7/8)
CCJ1
FIN=30MHz, all 4 clocks are at
33MHz, +/-2.0% Spread. CL=15pF
-
TBD
TBD
ps
Cycle-to-Cycle Jitter
(SSCLK – Pins4/6/7/8)
CCJ2
FIN=30MHz, all 4 clocks are at
66MHz, +/-2.0% Spread. CL=15pF
-
TBD
TBD
ps
Power-down Time
tPD
Time from PD# falling edge to Hi-Z
at outputs (Asynchronous)
-
150
350
ns
Power-up Time
(Crystal or Clock)
tPU
Time from PD# rising edge to valid
frequency at outputs
(Asynchronous)
-
3.5
5.0
ms
Power Supply Ramp
Time
tPSR
Time for VDD reaching minimum
specified value and monolithic
power supply ramp
-
-
12
ms
Output Enable Time
tOE
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Spread Percent Range
SPR-1
Center Spread, SSCLK-1/2/3/4
+/-0.125
-
+/-2.5
%
Spread Percent Range
SPR-2
Down Spread, SSCLK-1/2/3/4
-5.0
-
-0.25
%
Spread Percent Variation
ΔSS%
Variation of programmed Spread %
-20
-
20
%
Modulation Frequency
FMOD
Programmable, 31.5 kHz standard
25
31.5
120
kHz
DC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85 Deg C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
2.5
2.75
V
Input Low Voltage
VIL
CMOS Level, if Pins 4 and 8
programmed as PD#, OE,
SSON# or FS
0
-
0.3VDD
V
Input High Voltage
VIH
CMOS Level, if Pins 4 and 8
programmed as PD#, OE,
SSON# or FS.
0.7VDD
-
VDD
V


Similar Part No. - SL15300ZI-XXXT

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL1530003-L-A AMETHERM-SL1530003-L-A Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

Similar Description - SL15300ZI-XXXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com